Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IXYX100N120B3 Arkusz danych(PDF) 2 Page - IXYS Corporation

Numer części IXYX100N120B3
Szczegółowy opis  Preliminary Technical Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IXYS [IXYS Corporation]
Strona internetowa  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYX100N120B3 Arkusz danych(HTML) 2 Page - IXYS Corporation

  IXYX100N120B3 Datasheet HTML 1Page - IXYS Corporation IXYX100N120B3 Datasheet HTML 2Page - IXYS Corporation IXYX100N120B3 Datasheet HTML 3Page - IXYS Corporation IXYX100N120B3 Datasheet HTML 4Page - IXYS Corporation IXYX100N120B3 Datasheet HTML 5Page - IXYS Corporation IXYX100N120B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYK100N120B3
IXYX100N120B3
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Notes:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 60A, VCE = 10V, Note 1
30
52
S
C
ies
6000
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
367
pF
C
res
127
pF
Q
g(on)
250
nC
Q
ge
I
C = I
C110, VGE = 15V, VCE = 0.5 • VCES
42
nC
Q
gc
96
nC
t
d(on)
30
ns
t
ri
90
ns
E
on
7.7
mJ
t
d(off)
153
ns
t
fi
240
ns
E
off
7.1
11.5
mJ
t
d(on)
29
ns
t
ri
96
ns
E
on
11.4
mJ
t
d(off)
190
ns
t
fi
260
ns
E
off
10.1
mJ
R
thJC
0.13 °C/W
R
thCS
0.15
°C/W
Inductive load, T
J = 25°C
I
C = I
C110, VGE = 15V
V
CE = 0.5 • VCES, RG = 1Ω
Note 2
Inductive load, T
J = 150°C
I
C = I
C110, VGE = 15V
V
CE = 0.5 • VCES, RG = 1Ω
Note 2
TO-264 Outline
Terminals: 1 = Gate
2,4 = Collector
3 = Emitter
Terminals: 1 - Gate
2 - Collector
3 - Emitter
PLUS247TM Outline
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.83
5.21
.190
.205
A
1
2.29
2.54
.090
.100
A
2
1.91
2.16
.075
.085
b
1.14
1.40
.045
.055
b
1
1.91
2.13
.075
.084
b
2
2.92
3.12
.115
.123
C
0.61
0.80
.024
.031
D
20.80 21.34
.819
.840
E
15.75 16.13
.620
.635
e
5.45 BSC
.215 BSC
L
19.81 20.32
.780
.800
L1
3.81
4.32
.150
.170
Q
5.59
6.20
.220 0.244
R
4.32
4.83
.170
.190
PRELIMANARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.


Podobny numer części - IXYX100N120B3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IXYS Corporation
IXYX100N120B3 IXYS-IXYX100N120B3 Datasheet
212Kb / 6P
   Preliminary Technical Information
More results

Podobny opis - IXYX100N120B3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com