Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS1352KUA Arkusz danych(PDF) 8 Page - SEC Electronics Inc.

Numer części SS1352KUA
Szczegółowy opis  Unipolar Hall Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECELECTRONICS [SEC Electronics Inc.]
Strona internetowa  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1352KUA Arkusz danych(HTML) 8 Page - SEC Electronics Inc.

  SS1352KUA Datasheet HTML 1Page - SEC Electronics Inc. SS1352KUA Datasheet HTML 2Page - SEC Electronics Inc. SS1352KUA Datasheet HTML 3Page - SEC Electronics Inc. SS1352KUA Datasheet HTML 4Page - SEC Electronics Inc. SS1352KUA Datasheet HTML 5Page - SEC Electronics Inc. SS1352KUA Datasheet HTML 6Page - SEC Electronics Inc. SS1352KUA Datasheet HTML 7Page - SEC Electronics Inc. SS1352KUA Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SS1352
Unipolar Hall Switch
8
V3.10
Nov 1, 2013
Package UA, 3-Pin SIP(TO-92):
Ordering Information
Part No.
Pb-free
Temperature Code
Package Code
Packing
SS1352EUA
YES
-40°C to 85°C
SOT-23
Bulk, 1000 pieces/bag
SS1352ESOT
YES
-40°C to 85°C
SOT-23
7-in. reel, 3000 pieces/reel
SS1352KUA
YES
-40°C to 125°C
SOT-23
Bulk, 1000 pieces/bag
SS1352KSOT
YES
-40°C to 125°C
SOT-23
7-in. reel, 3000 pieces/reel
SS1352LUA
YES
-40°C to 150°C
SOT-23
Bulk, 1000 pieces/bag
SS1352LSOT
YES
-40°C to 150°C
SOT-23
7-in. reel, 3000 pieces/reel
4.0 ± 0.01
1
2
3
1.27
2.13
1.87
1.00
1.20
45° ± 1°
3° ± 1°
0.44± 0.01
0.05 ± 0.05
0.84(Nom)
3° ± 1°
6° ± 1°
6° ± 1°
3° ± 1°
Active Area Depth:
Sensor Location
1
2
3
Notes:
1). Controlling dimension : mm ;
2). Leads must be free of flash and plating voids ;
3). Do not bend leads within 1 mm of lead to package
interface ;
4). PINOUT:
Pin 1
VDD
Pin 2
GND
Pin 3
Output
0.39± 0.01
0.38 ± 0.01
2.54


Podobny numer części - SS1352KUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEC Electronics Inc.
SS1350 SECELECTRONICS-SS1350 Datasheet
224Kb / 6P
   Unipolar Hall Switch-Low Sensitivity
SS1350ESOT SECELECTRONICS-SS1350ESOT Datasheet
224Kb / 6P
   Unipolar Hall Switch-Low Sensitivity
SS1350EUA SECELECTRONICS-SS1350EUA Datasheet
224Kb / 6P
   Unipolar Hall Switch-Low Sensitivity
SS1350KSOT SECELECTRONICS-SS1350KSOT Datasheet
224Kb / 6P
   Unipolar Hall Switch-Low Sensitivity
SS1350KUA SECELECTRONICS-SS1350KUA Datasheet
224Kb / 6P
   Unipolar Hall Switch-Low Sensitivity
More results

Podobny opis - SS1352KUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEC Electronics Inc.
SS109 SECELECTRONICS-SS109_14 Datasheet
203Kb / 5P
   Unipolar Hall Switch
SS1438 SECELECTRONICS-SS1438 Datasheet
248Kb / 8P
   Unipolar Hall Switch
SS5682_1311 SECELECTRONICS-SS5682_1311 Datasheet
260Kb / 8P
   Unipolar Hall Switch
SS109_1311 SECELECTRONICS-SS109_1311 Datasheet
224Kb / 6P
   Unipolar Hall Switch
SS109 SECELECTRONICS-SS109 Datasheet
224Kb / 6P
   Unipolar Hall Switch
SS5782 SECELECTRONICS-SS5782 Datasheet
243Kb / 9P
   Unipolar Hall Switch
SS5682 SECELECTRONICS-SS5682 Datasheet
243Kb / 9P
   Unipolar Hall Switch
logo
Major-Power Technology ...
MA7014 MPOWER-MA7014 Datasheet
122Kb / 2P
   Unipolar Hall Effect Switch
Rev0.2
logo
Micronas
HAL114 MICRONAS-HAL114 Datasheet
127Kb / 9P
   Unipolar Hall Switch IC
logo
BCD Semiconductor Manuf...
AH922 BCDSEMI-AH922 Datasheet
366Kb / 15P
   UNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com