Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AHC2GU04 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części SN74AHC2GU04
Szczegółowy opis  TRIPLE INVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC2GU04 Arkusz danych(HTML) 2 Page - Texas Instruments

  SN74AHC2GU04 Datasheet HTML 1Page - Texas Instruments SN74AHC2GU04 Datasheet HTML 2Page - Texas Instruments SN74AHC2GU04 Datasheet HTML 3Page - Texas Instruments SN74AHC2GU04 Datasheet HTML 4Page - Texas Instruments SN74AHC2GU04 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SN74AHC2GU04
TRIPLE INVERTER
SCLS434A – SEPTEMBER 1999 – REVISED NOVEMBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2)
296
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
V
VCC = 2 V
1.7
VIH
High-level input voltage
VCC = 3 V
2.4
V
VCC = 5.5 V
4.4
VCC = 2 V
0.3
VIL
Low-level input voltage
VCC = 3 V
0.6
V
VCC = 5.5 V
1.1
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 2 V
–50
mA
IOH
High-level output current
VCC = 3.3 V ± 0.3 V
–4
mA
VCC = 5 V ± 0.5 V
–8
mA
VCC = 2 V
50
mA
IOL
Low-level output current
VCC = 3.3 V ± 0.3 V
4
mA
VCC = 5 V ± 0.5 V
8
mA
TA
Operating free-air temperature
–40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Podobny numer części - SN74AHC2GU04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHC2G00 TI1-SN74AHC2G00 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74AHC2G00HDCT3 TI1-SN74AHC2G00HDCT3 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74AHC2G00HDCU3 TI1-SN74AHC2G00HDCU3 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74AHC2G02 TI1-SN74AHC2G02 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AHC2G02HDCU3 TI1-SN74AHC2G02HDCU3 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
More results

Podobny opis - SN74AHC2GU04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
74HCT3G04-Q100 NEXPERIA-74HCT3G04-Q100 Datasheet
212Kb / 12P
   Triple inverter
Rev. 3 - 26 November 2018
logo
NXP Semiconductors
74LVC3GU04 PHILIPS-74LVC3GU04 Datasheet
89Kb / 16P
   TRIPLE INVERTER
Rev. 03-01 February 2005
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04 Datasheet
84Kb / 8P
   Triple Inverter
August, 2002 ??Rev. 2
logo
STMicroelectronics
74V2T04 STMICROELECTRONICS-74V2T04 Datasheet
124Kb / 7P
   TRIPLE INVERTER
74V2T05 STMICROELECTRONICS-74V2T05 Datasheet
131Kb / 7P
   TRIPLE INVERTER
logo
NXP Semiconductors
74LVC3G04 NXP-74LVC3G04_08 Datasheet
101Kb / 16P
   Triple inverter
Rev. 07-16 June 2008
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04_15 Datasheet
71Kb / 5P
   Triple Inverter
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com