Zakładka z wyszukiwarką danych komponentów |
|
SN74AHC1G00DBVTG4 Arkusz danych(PDF) 10 Page - Texas Instruments |
|
SN74AHC1G00DBVTG4 Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 24 page Q Q S R 10 SN74AHC1G00 SCLS313O – MARCH 1996 – REVISED APRIL 2016 www.ti.com Product Folder Links: SN74AHC1G00 Submit Documentation Feedback Copyright © 1996–2016, Texas Instruments Incorporated 9 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 9.1 Application Information The SN74AHC1G00 device is a low-drive CMOS device with 8-mA output drive at 5 V. It can be used for a multitude of bus interface type applications where output ringing is a concern. The low drive and slow edge rates minimizes overshoot and undershoot on the outputs. The NAND gates are used to build simple SR flip flop. They could be used in removing noise from a switch debounce circuit 9.2 Typical Application Figure 4. Typical Application 9.2.1 Design Requirements This SN74AHC1G00 device uses CMOS technology and has balanced output drive. Take care to avoid bus contention becuase it can drive currents that would exceed maximum limits. The high drive also creates fast edges into light loads. Routing and load conditions must be considered to prevent ringing. 9.2.2 Detailed Design Procedure • Recommended input conditions: – Specified high and low levels. See VIH and VIL in Recommended Operating Conditions. – Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC. • Recommended output conditions: – Load currents must not exceed 25 mA per output and 50 mA total for the part. – Outputs should not be pulled above VCC. |
Podobny numer części - SN74AHC1G00DBVTG4 |
|
Podobny opis - SN74AHC1G00DBVTG4 |