Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH162827DLG4 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części 74ALVCH162827DLG4
Szczegółowy opis  20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVCH162827DLG4 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button 74ALVCH162827DLG4 Datasheet HTML 5Page - Texas Instruments 74ALVCH162827DLG4 Datasheet HTML 6Page - Texas Instruments 74ALVCH162827DLG4 Datasheet HTML 7Page - Texas Instruments 74ALVCH162827DLG4 Datasheet HTML 8Page - Texas Instruments 74ALVCH162827DLG4 Datasheet HTML 9Page - Texas Instruments 74ALVCH162827DLG4 Datasheet HTML 10Page - Texas Instruments 74ALVCH162827DLG4 Datasheet HTML 11Page - Texas Instruments 74ALVCH162827DLG4 Datasheet HTML 12Page - Texas Instruments 74ALVCH162827DLG4 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MECHANICAL DATA
MTSS003D – JANUARY 1995 – REVISED JANUARY 1998
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / F 12/97
48 PINS SHOWN
0,25
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
1,20 MAX
M
0,08
0,10
0,50
0
°–8°
56
14,10
13,90
48
DIM
A MAX
A MIN
PINS **
12,40
12,60
64
17,10
16,90
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Podobny numer części - 74ALVCH162827DLG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVCH162827DGG PHILIPS-74ALVCH162827DGG Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
logo
Nexperia B.V. All right...
74ALVCH162827DGG NEXPERIA-74ALVCH162827DGG Datasheet
191Kb / 14P
   20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
More results

Podobny opis - 74ALVCH162827DLG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVC16828 TI-SN74ALVC16828 Datasheet
208Kb / 4P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827DGGR TI-SN74AVC16827DGGR Datasheet
316Kb / 15P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162827 PERICOM-PI74ALVCH162827 Datasheet
330Kb / 4P
   20-Bit Buffer Driver with 3-STATE Outputs
PI74ALVCH16827 PERICOM-PI74ALVCH16827 Datasheet
296Kb / 4P
   20-Bit Buffer/Driver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16827-EP TI1-SN74ALVCH16827-EP Datasheet
286Kb / 12P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162827 TI-SN74ALVCH162827 Datasheet
152Kb / 10P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16827 TI-SN74ALVCH16827 Datasheet
122Kb / 9P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827DGVR TI-SN74AVC16827DGVR Datasheet
338Kb / 15P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16827DGGR TI1-SN74ALVCH16827DGGR Datasheet
300Kb / 14P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827 TI-SN74AVC16827 Datasheet
192Kb / 13P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com