Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4931 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części LM4931
Szczegółowy opis  Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM4931 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LM4931 Datasheet HTML 2Page - Texas Instruments LM4931 Datasheet HTML 3Page - Texas Instruments LM4931 Datasheet HTML 4Page - Texas Instruments LM4931 Datasheet HTML 5Page - Texas Instruments LM4931 Datasheet HTML 6Page - Texas Instruments LM4931 Datasheet HTML 7Page - Texas Instruments LM4931 Datasheet HTML 8Page - Texas Instruments LM4931 Datasheet HTML 9Page - Texas Instruments LM4931 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
LM4931
SNAS251E – APRIL 2004 – REVISED MAY 2013
www.ti.com
Electrical Characteristics DVDD = 3V, AVDD = 3V, RLHP = 32Ω, RLHF = 8Ω
(1)(2) (continued)
The following specifications apply for the circuit shown in Figure 62, unless otherwise specified. Limits apply for TA = 25°C.
Symbol
Parameter
Conditions
LM4931
Units
(Limits)
Typical(3
Limits(4)
)
Signal = VO at 0dBFS, f = 1kHz and 1%
THD+N,
Noise = digital zero, A-weighted,
Signal-to-Noise Ratio of Voice
SNR (Voice)
0dB gain setting(7)
Channel (Headphone Amplifier)
fMCLK = 12.288MHz, PLL disabled
75
dB
fMCLK = 12MHz, PLL active
73
dB
Signal = VO at 0dBFS, f = 1kHz and 1%
THD+N,
Noise = digital zero, A-weighted,
Signal-to-Noise Ratio of Music
SNR (Music)
0dB gain setting(7)
Channel (Headphone Amplifier)
fMCLK = 12.288MHz, PLL disabled
86
dB
fMCLK = 12MHz, PLL active
82
dB
XTALK
Stereo Channel-to-Channel Crosstalk
fS = 48kHz,
62
dB
fIN = 1kHz sinewave at –3dBFS
ΔACH-CH
Stereo Channel-to-Channel Gain
0.3
dB
Mismatch
A-weighted filter,
Vin = digital zero(7)
eN (Music)
Output Noise
fMCLK = 12.288MHz, PLL disabled
45
μV
fMCLK = 12MHz, PLL active
65
μV
Minimum Gain
–46.5
dB
Volume Control Range (Headphone
VCR
Amplifier)
Maximum Gain
0
dB
SS
Volume Control Stepsize (Headphone
1.5
dB
Amplifier)
Microphone Amplifier
VBIAS
Mic Bias Voltage
2
V
Minimum Gain
6
dB
Gain Control Range (Microphone
GCR
Amplifier)
Maximum Gain
36
dB
SS
Gain Control Stepsize (Microphone
2
dB
Amplifier)
Voice Codec (Typical numbers are with 1.024MHz voice clock and 8kHz sampling frequency)
RVDAC
Voice DAC Ripple
300Hz-3.3kHz through headphone output.
+/- 0.15
dB
RVADC
Voice ADC Ripple
300Hz-3.3kHz through headphone output.
+/- 0.25
dB
PBVDAC
Voice DAC Passband
–3dB Point
3.46
kHz
SBAVDAC
Voice DAC Stopband Attenuation
Above 4kHz
72
dB
UPBVDAC
Upper Passband Cutoff Frequency
Upper – 3dB Point
3.47
kHz
LPBVDAC
Lower Passband Cutoff Frequency
Lower – 3dB Point
0.230
kHz
SBAVADC
Voice ADC Stopband Attenuation
Above 4kHz
65
dB
SBANOTCH
Voice ADC Notch Attenuation
Centered on 55Hz, figure gives worst case
58
dB
attenuation for 50Hz & 60Hz
Signal = VO at 0dBFS, f = 1kHz and 1%
THD+N,
MIC_P, MIC_N Terminated to ground,
Signal-to-Noice Ratio of Voice
SNR (Voice)
A-weighted, 36dB MIC Preamp gain setting(8)
Channel (Voice ADC path)
fMCLK = 12.288MHz, PLL disabled
81
dB
fMCLK = 12MHz, PLL active
80
dB
Minimum Gain
–30
dB
STR
Side Tone Range
Maximum Gain
0
dB
(8)
Disabling or bypassing the PLL will result in an improvement in noise measurements.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4931


Podobny numer części - LM4931

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
   Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4931 NSC-LM4931 Datasheet
1Mb / 48P
   Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
   Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
More results

Podobny opis - LM4931

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
   Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
   Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
logo
Texas Instruments
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
LM4930 TI-LM4930_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4935 TI1-LM4935_14 Datasheet
2Mb / 91P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
LM4935 TI1-LM4935 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
logo
National Semiconductor ...
LM4935 NSC-LM4935 Datasheet
4Mb / 112P
   Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com