Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4937 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części LM4937
Szczegółowy opis  Audio Sub-System with OCL Stereo Headphone Output and RF Suppression
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM4937 Arkusz danych(HTML) 5 Page - Texas Instruments

  LM4937 Datasheet HTML 1Page - Texas Instruments LM4937 Datasheet HTML 2Page - Texas Instruments LM4937 Datasheet HTML 3Page - Texas Instruments LM4937 Datasheet HTML 4Page - Texas Instruments LM4937 Datasheet HTML 5Page - Texas Instruments LM4937 Datasheet HTML 6Page - Texas Instruments LM4937 Datasheet HTML 7Page - Texas Instruments LM4937 Datasheet HTML 8Page - Texas Instruments LM4937 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
LM4937
www.ti.com
SNAS369J – OCTOBER 2006 – REVISED MAY 2013
AUDIO AMPLIFIER ELECTRICAL CHARACTERISTICS AVDD = 3.0V, DVDD = 3.0V
(1)(2) (continued)
The following specifications apply for the circuit shown in Figure 1 with all programmable gain set at 0dB, unless otherwise
specified. Limits apply for TA = 25°C.
Symbol
Parameter
Conditions
LM4937
Units
(Limits)
Typical(3)
Limits(4)(5)
Speaker; THD = 1%; f = 1kHz, 8
Ω BTL
420
370
mW (min)
PO
Output Power
Headphone; THD = 1%; f = 1kHz, 32
Ω SE
27
24
mW (min)
Earpiece; THD = 1%; f = 1kHz, 32
Ω BTL
45
40
mW (min)
VFS DAC
Full Scale DAC Output
2.4
Vpp
Speaker; PO = 200mW;
0.04
%
f = 1kHz, 8
Ω BTL
Headphone; PO = 10mW;
THD+N
Total Harmonic Distortion
0.01
%
f = 1kHz, 32
Ω SE
Earpiece; PO = 20mW;
0.04
%
f = 1kHz, 32
Ω BTL
Speaker
10
55
mV (max)
VOS
Offset Voltage
Earpiece
8
50
mV (max)
Headphone (OCL)
8
40
mV (max)
O
Output Noise
A = weighted; 0dB gain;
Table 1
See Table 1
PSRR
Power Supply Rejection Ratio
f = 217Hz; Vripple = 200mVP-P
Table 2
CB = 2.2μF; See Table 2
Headphone; PO= 10mW
Xtalk
Crosstalk
–60
dB
f = 1kHz; OCL
TWU
Wake-Up Time
CB = 2.2μF, CD6 = 0
35
ms (max)
CB = 2.2μF, CD6 = 1
85
ms (max)
CMRR
Common-Mode Rejection Ratio
f = 217Hz, VRMS = 200mVpp
56
dB
AUDIO AMPLIFIER ELECTRICAL CHARACTERISTICS AVDD = 5.0V, DVDD = 3.3V
(1) (2)
The following specifications apply for the circuit shown in Figure 1 with all programmable gain set at 0dB, unless otherwise
specified. Limits apply for TA = 25°C.
Symbol
Parameter
Conditions
LM4937
Units
(Limits)
Typical(3)
Limits(4)(5)
VIN = 0, No Load
17.5
mA (max)
All Amps On + DAC, OCL(6)
Headphone Mode Only (OCL)
5.8
mA (max)
IDD
Supply Current
Mono Loudspeaker Mode Only(6)
11.6
mA (max)
Mono Earpiece Mode Only(6)
5
mA (max)
DAC Off, All Amps On (OCL)(6)
12.9
mA (max)
ISD
Shutdown Current
1.6
μA (max)
Speaker; THD = 1%;
1.25
mW (min)
f = 1kHz, 8
Ω BTL
Headphone; THD = 1%;
PO
Output Power
80
mW (min)
f = 1kHz, 32
Ω SE
Earpiece; THD = 1%;
175
mW (min)
f = 1kHz, 32
Ω BTL
(1)
All voltages are measured with respect to the GND pin unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(6)
Enabling mono bit (D_6 in Output Control Register 01h) will save 400
μA (typ) from specified current.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4937


Podobny numer części - LM4937

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
logo
Texas Instruments
LM49370 TI1-LM49370 Datasheet
2Mb / 90P
[Old version datasheet]   Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
National Semiconductor ...
LM49370RL NSC-LM49370RL Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM49370RL/NOPB TI1-LM49370RL/NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
More results

Podobny opis - LM4937

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM49321 NSC-LM49321 Datasheet
1Mb / 42P
   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
logo
Texas Instruments
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
[Old version datasheet]   Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
LM49321 TI-LM49321_15 Datasheet
1,022Kb / 45P
[Old version datasheet]   LM49321 Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
logo
National Semiconductor ...
LM4934 NSC-LM4934_06 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM4934 NSC-LM4934 Datasheet
1Mb / 39P
   3D Audio Sub-System with Stereo Speaker, OCL/SE Stereo Headphone, Earpiece and Mono Line Level Outputs
logo
Texas Instruments
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
[Old version datasheet]   Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com