Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM49251 Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części LM49251
Szczegółowy opis  Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM49251 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM49251_15 Datasheet HTML 1Page - Texas Instruments LM49251_15 Datasheet HTML 2Page - Texas Instruments LM49251_15 Datasheet HTML 3Page - Texas Instruments LM49251_15 Datasheet HTML 4Page - Texas Instruments LM49251_15 Datasheet HTML 5Page - Texas Instruments LM49251_15 Datasheet HTML 6Page - Texas Instruments LM49251_15 Datasheet HTML 7Page - Texas Instruments LM49251_15 Datasheet HTML 8Page - Texas Instruments LM49251_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
VOLUME
-80 dB to
+18 dB
BIAS
CLASS D
+12 dB,
+18 dB
LSOUTR+
LSOUTR-
SET
HPL
HPR
RIN2
BYPASS
SDA
SCL
GND
CHARGE
PUMP
C1-
C1+
CPGND
LEVEL DETECT
AND
CLASS G
CONTROL
-18 dB
to 0 dB
MUX
VDD
F2
CPVSS
ALC
POWER
LIMITER
AND
NO
CLIP
A5
B5
CLASS D
+12 dB,
+18 dB
LSOUTL+
LSOUTL-
F5
E5
VDD
A4
B1
VDD
F4
VDD
-18 dB
to 0 dB
C1
CPVDD
HPVDD
HP GND Sense
D1
E1
E3
I
2
CVDD
F1
E2
D2
F3
D5
GND
C5
GND
A2
I
2
C INTERFACE
C2
B2
A1
D4
B4
LIN2
C4
RIN1
C3
LIN1
D3
INL1/INL2
MIXER
AND
OUTPUT
MODE
SELECT
INR1/INR2
VOLUME
-86 dB to +12 dB
INM+
A3
INM-
B3
E4
4.7 µF
4.7 µF
4.7 µF
100 nF
2.2 µF
2.2 µF
2.2 µF
2.2 µF
2.2 µF
0.22 µF
0.22 µF
0.22 µF
0.22 µF
0.22 µF
0.22 µF
LM49251
www.ti.com
SNAS498A – FEBRUARY 2011 – REVISED APRIL 2013
Typical Application
Figure 2. Typical Audio Amplifier Application Circuit
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM49251


Podobny numer części - LM49251_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM49251TL TI1-LM49251TL Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251TLX TI1-LM49251TLX Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
More results

Podobny opis - LM49251_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
[Old version datasheet]   Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
logo
Texas Instruments
LM49153 TI1-LM49153 Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com