Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM49251 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części LM49251
Szczegółowy opis  Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM49251 Arkusz danych(HTML) 4 Page - Texas Instruments

  LM49251_15 Datasheet HTML 1Page - Texas Instruments LM49251_15 Datasheet HTML 2Page - Texas Instruments LM49251_15 Datasheet HTML 3Page - Texas Instruments LM49251_15 Datasheet HTML 4Page - Texas Instruments LM49251_15 Datasheet HTML 5Page - Texas Instruments LM49251_15 Datasheet HTML 6Page - Texas Instruments LM49251_15 Datasheet HTML 7Page - Texas Instruments LM49251_15 Datasheet HTML 8Page - Texas Instruments LM49251_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
LM49251
SNAS498A – FEBRUARY 2011 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Top View
Figure 3. DSBGA Package
See Package Number YZR0030
Table 1. Bump Description
Bump
Name
Description
A1
I2CVDD
I2C Power Supply
A2
GND
Ground
A3
INM+
Mono Channel Non-Inverting Input
A4
VDD
Loudspeaker Power Supply
A5
LSOUTR+
Right Loudspeaker Non-Inverting Output
B1
VDD
Loudspeaker Power Supply
B2
SDA
I2C Serial Data Input
B3
INM-
Mono Channel Inverting Input
B4
RIN2
Right Channel Input 2
B5
LSOUTR-
Right Loudspeaker Inverting Output
C1
CPVDD
Charge Pump Supply (internally generated)
C2
SCL
I2C Serial Clock Input
C3
RIN1
Right Channel Input 1
C4
LIN2
Left Channel Input 2
C5
GND
Ground
D1
HPR
Right Channel Headphone Output
D2
C1-
Charge Pump Flying Capacitor Negative Terminal
D3
LIN1
Left Channel Input 1
D4
BYPASS
Mid-Rail Bias Bypass Node
D5
GND
Ground
E1
HPL
Left Channel Headphone Output
E2
C1+
Charge Pump Flying Capacitor Positive Terminal
E3
HP SENSE GND
Headphone Ground Sense
E4
SET
ALC Timing Set
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM49251


Podobny numer części - LM49251_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM49251TL TI1-LM49251TL Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251TLX TI1-LM49251TLX Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
More results

Podobny opis - LM49251_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
LM49153 TI1-LM49153_15 Datasheet
2Mb / 31P
[Old version datasheet]   Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
logo
Texas Instruments
LM49153 TI1-LM49153 Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com