Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4960 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części LM4960
Szczegółowy opis  Piezoelectric Speaker Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM4960 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LM4960 Datasheet HTML 2Page - Texas Instruments LM4960 Datasheet HTML 3Page - Texas Instruments LM4960 Datasheet HTML 4Page - Texas Instruments LM4960 Datasheet HTML 5Page - Texas Instruments LM4960 Datasheet HTML 6Page - Texas Instruments LM4960 Datasheet HTML 7Page - Texas Instruments LM4960 Datasheet HTML 8Page - Texas Instruments LM4960 Datasheet HTML 9Page - Texas Instruments LM4960 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2.83
9.05
21.5
33.94
0.001
0.01
0.1
1
10
OUTPUT VOLTAGE (Vrms)
27.72
15.27
2.83
9.05
21.5
33.94
0.001
0.01
0.1
1
10
OUTPUT VOLTAGE (Vrms)
27.72
15.27
2.83
9.05
21.5
33.94
0.001
0.01
0.1
1
10
OUTPUT VOLTAGE (Vrms)
27.72
15.27
2.83
9.05
21.5
33.94
0.001
0.01
0.1
1
10
OUTPUT VOLTAGE (Vrms)
27.72
15.27
2.83
9.05
21.5
33.94
0.001
0.01
0.1
1
10
OUTPUT VOLTAGE (Vrms)
27.72
15.27
2.83
9.05
21.5
33.94
0.001
0.01
0.1
1
10
OUTPUT VOLTAGE (Vrms)
27.72
15.27
LM4960
SNAS221C – OCTOBER 2004 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
THD+N vs Output Power
THD+N vs Output Power
VDD = 3V, V1 = 9.6V,
VDD = 3V, V1 = 12V,
f = 100Hz, 1kHz, 10kHz
f = 100Hz, 1kHz, 10kHz
Figure 9.
Figure 10.
THD+N vs Output Power
THD+N vs Output Power
VDD = 3V, V1 = 15V,
VDD = 5V, V1 = 9.6V,
f = 100Hz, 1kHz, 10kHz
f = 100Hz, 1kHz, 10kHz
Figure 11.
Figure 12.
THD+N vs Output Power
THD+N vs Output Power
VDD = 5V, V1 = 12V,
VDD = 5V, V1 = 15V,
f = 100Hz, 1kHz, 10kHz
f = 100Hz, 1kHz, 10kHz
Figure 13.
Figure 14.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4960


Podobny numer części - LM4960

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4960 NSC-LM4960 Datasheet
348Kb / 12P
   Piezoelectric Speaker Driver
LM4960SQ NSC-LM4960SQ Datasheet
348Kb / 12P
   Piezoelectric Speaker Driver
More results

Podobny opis - LM4960

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4960 NSC-LM4960 Datasheet
348Kb / 12P
   Piezoelectric Speaker Driver
logo
Rohm
BU64562GWZ ROHM-BU64562GWZ Datasheet
721Kb / 24P
   Piezoelectric Actuator Driver
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver Circuit
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
   Piezoelectric Horn Driver Circuit
2009
RE46C100 MICROCHIP-RE46C100_14 Datasheet
631Kb / 18P
   Piezoelectric Horn Driver Circuit
03/25/14
logo
Sanyo Semicon Device
LV8071LP SANYO-LV8071LP Datasheet
71Kb / 6P
   Piezoelectric Actuator Driver IC
logo
Texas Instruments
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4962 NSC-LM4962 Datasheet
1Mb / 22P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961_14 Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
   Ceramic Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com