Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4961 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części LM4961
Szczegółowy opis  Ceramic Speaker Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM4961 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM4961 Datasheet HTML 7Page - Texas Instruments LM4961 Datasheet HTML 8Page - Texas Instruments LM4961 Datasheet HTML 9Page - Texas Instruments LM4961 Datasheet HTML 10Page - Texas Instruments LM4961 Datasheet HTML 11Page - Texas Instruments LM4961 Datasheet HTML 12Page - Texas Instruments LM4961 Datasheet HTML 13Page - Texas Instruments LM4961 Datasheet HTML 14Page - Texas Instruments LM4961 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM4961, LM4961LQBD
www.ti.com
SNAS242K – AUGUST 2004 – REVISED MAY 2013
SELECTING INPUT CAPACITOR FOR AUDIO AMPLIFIER
One of the major considerations is the closed loop bandwidth of the amplifier. To a large extent, the bandwidth is
dictated by the choice of external components shown in Figure 2. The input coupling capacitor, Ci, forms a first
order high pass filter which limits low frequency response. This value should be chosen based on needed
frequency response for a few distinct reasons.
High value input capacitors are both expensive and space hungry in portable designs. Clearly, a certain value
capacitor is needed to couple in low frequencies without severe attenuation. But ceramic speakers used in
portable systems, whether internal or external, have little ability to reproduce signals below 100Hz to 150Hz.
Thus, using a high value input capacitor may not increase actual system performance.
In addition to system cost and size, click and pop performance is affected by the value of the input coupling
capacitor, Ci. A high value input coupling capacitor requires more charge to reach its quiescent DC voltage
(nominally 1/2 VDD). This charge comes from the output via the feedback and is apt to create pops upon device
enable. Thus, by minimizing the capacitor value based on desired low frequency response, turn-on pops can be
minimized.
SELECTING BYPASS CAPACITOR FOR AUDIO AMPLIFIER
Besides minimizing the input capacitor value, careful consideration should be paid to the bypass capacitor value.
Bypass capacitor, CB, is the most critical component to minimize turn-on pops since it determines how fast the
amplifier turns on. The slower the amplifier’s outputs ramp to their quiescent DC voltage (nominally 1/2 VDD), the
smaller the turn-on pop. Choosing CB equal to 1.0µF along with a small value of Ci (in the range of 0.039µF to
0.39µF), should produce a virtually clickless and popless shutdown function. Although the device will function
properly, (no oscillations or motorboating), with CB equal to 0.1µF, the device will be much more susceptible to
turn-on clicks and pops. Thus, a value of CB equal to 1.0µF is recommended in all but the most cost sensitive
designs.
SELECTING FEEDBACK CAPACITOR FOR AUDIO AMPLIFIER
The LM4961 is unity-gain stable which gives the designer maximum system flexibility. However, to drive ceramic
speakers, a typical application requires a closed-loop differential gain of 10. In this case a feedback capacitor
(Cf2) will be needed as shown in Figure 1 to bandwidth limit the amplifier.
This feedback capacitor creates a low pass filter that eliminates possible high frequency noise. Care should be
taken when calculating the -3dB frequency because an incorrect combination of Rf and Cf2 will cause rolloff
before the desired frequency
SELECTING VALUE FOR RC
The audio power amplifier integrated in the LM4961 is designed for very fast turn on time. The Cchg pin allows
the input capacitors (CinA and CinB) to charge quickly to improve click/pop performance. Rchg1 and Rchg2
protect the Cchg pins from any over/under voltage conditions caused by excessive input signal or an active input
signal when the device is in shutdown. The recommended value for Rchg1 and Rchg2 is 1k
Ω. If the input signal
is less than VDD+0.3V and greater than -0.3V, and if the input signal is disabled when in shutdown mode, Rchg1
and Rchg2 may be shorted out.
SELECTING OUTPUT CAPACITOR (CO) FOR BOOST CONVERTER
A single 4.7µF to 10µF ceramic capacitor will provide sufficient output capacitance for most applications. If larger
amounts of capacitance are desired for improved line support and transient response, tantalum capacitors can
be used. Aluminum electrolytics with ultra low ESR such as Sanyo Oscon can be used, but are usually
prohibitively expensive. Typical AI electrolytic capacitors are not suitable for switching frequencies above 500
kHz because of significant ringing and temperature rise due to self-heating from ripple current. An output
capacitor with excessive ESR can also reduce phase margin and cause instability.
In general, if electrolytics are used, we recommended that they be paralleled with ceramic capacitors to reduce
ringing, switching losses, and output voltage ripple.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4961 LM4961LQBD


Podobny numer części - LM4961

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961 Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4961LQ NSC-LM4961LQ Datasheet
509Kb / 16P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961LQBD TI1-LM4961LQBD Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
LM4961 TI1-LM4961_14 Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
More results

Podobny opis - LM4961

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM4961 TI1-LM4961_14 Datasheet
1Mb / 23P
[Old version datasheet]   Ceramic Speaker Driver
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4962 NSC-LM4962 Datasheet
1Mb / 22P
   Ceramic Speaker Driver
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
   Ceramic Speaker Driver
LM48555 NSC-LM48555 Datasheet
332Kb / 14P
   Ceramic Speaker Driver
logo
Texas Instruments
LM48556 TI1-LM48556_14 Datasheet
1Mb / 23P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
LM48556 TI1-LM48556 Datasheet
1Mb / 22P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
logo
National Semiconductor ...
LM48556 NSC-LM48556 Datasheet
1Mb / 20P
   Fully Differential, Mono, Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX9788 MAXIM-MAX9788_07 Datasheet
299Kb / 16P
   14VP-P,Class G Ceramic Speaker Driver
Rev 1; 11/07
logo
Integrated Silicon Solu...
IS31AP4915-QFLS2-TR ISSI-IS31AP4915-QFLS2-TR Datasheet
322Kb / 10P
   20VP-P CHARGE PUMP CERAMIC SPEAKER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com