Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVTH16821DLG4 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części 74ALVTH16821DLG4
Szczegółowy opis  2.5-V/3.3-V 20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVTH16821DLG4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button 74ALVTH16821DLG4 Datasheet HTML 3Page - Texas Instruments 74ALVTH16821DLG4 Datasheet HTML 4Page - Texas Instruments 74ALVTH16821DLG4 Datasheet HTML 5Page - Texas Instruments 74ALVTH16821DLG4 Datasheet HTML 6Page - Texas Instruments 74ALVTH16821DLG4 Datasheet HTML 7Page - Texas Instruments 74ALVTH16821DLG4 Datasheet HTML 8Page - Texas Instruments 74ALVTH16821DLG4 Datasheet HTML 9Page - Texas Instruments 74ALVTH16821DLG4 Datasheet HTML 10Page - Texas Instruments 74ALVTH16821DLG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SN54ALVTH16821, SN74ALVTH16821
2.5-V/3.3-V 20-BIT BUS-INTERFACE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCES078E – JULY 1996 – REVISED JANUARY 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALVTH16821
SN74ALVTH16821
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 3 V,
II = –18 mA
–1.2
–1.2
V
VCC = 3 V to 3.6 V,
IOH = –100 µA
VCC–0.2
VCC–0.2
VOH
VCC =3V
IOH = –24 mA
2
V
VCC = 3 V
IOH = –32 mA
2
VCC = 3 V to 3.6 V,
IOL = 100 µA
0.2
0.2
IOL = 16 mA
0.4
VOL
IOL = 24 mA
0.5
V
VOL
VCC = 3 V
IOL = 32 mA
0.5
V
IOL = 48 mA
0.55
IOL = 64 mA
0.55
Control inputs
VCC = 3.6 V,
VI = VCC or GND
±1
±1
Control inputs
VCC = 0 or 3.6 V,
VI = 5.5 V
10
10
II
VI = 5.5 V
10
10
µA
Data inputs
VCC = 3.6 V
VI = VCC
1
1
VI = 0
–5
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
IBHL‡
VCC = 3 V,
VI = 0.8 V
75
75
µA
IBHH§
VCC = 3 V,
VI = 2 V
–75
–75
µA
IBHLO¶
VCC = 3.6 V,
VI = 0 to VCC
500
500
µA
IBHHO#
VCC = 3.6 V,
VI = 0 to VCC
–500
–500
µA
IEX||
VCC = 3 V,
VO = 5.5 V
125
125
µA
IOZ(PU/PD)k
VCC ≤ 1.2 V, VO = 0.5 V to VCC,
VI = GND or VCC, OE = don’t care
±100
±100
µA
IOZH
VCC =3 6V
VO = 3 V,
5
5
µA
IOZH
VCC = 3.6 V
VI = 0.8 V or 2 V
5
5
µA
IOZL
VCC =3 6V
VO = 0.5 V,
5
5
µA
IOZL
VCC = 3.6 V
VI = 0.8 V or 2 V
–5
–5
µA
VCC = 3.6 V,
Outputs high
0.07
0.1
0.07
0.1
ICC
VCC = 3.6 V,
IO = 0,
Outputs low
3.2
5.5
3.2
5
mA
VI = VCC or GND
Outputs disabled
0.07
0.1
0.07
0.1
∆ICCh
VCC = 3 V to 3.6 V, One input at VCC – 0.6 V,
Other inputs at VCC or GND
0.4
0.4
mA
Ci
VCC = 3.3 V,
VI = 3.3 V or 0
3.5
3.5
pF
Co
VCC = 3.3 V,
VO = 3.3 V or 0
6
6
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND and
then raising it to VIL max.
§ The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to VCC and
then lowering it to VIH min.
¶ An external driver must source at least IBHLO to switch this node from low to high.
# An external driver must sink at least IBHHO to switch this node from high to low.
|| Current into an output in the high state when VO > VCC
kHigh-impedance state during power up or power down
hThis is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Podobny numer części - 74ALVTH16821DLG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ALVTH16827DLG4 TI-74ALVTH16827DLG4 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ALVTH16827DLRG4 TI-74ALVTH16827DLRG4 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ALVTH16827GRE4 TI-74ALVTH16827GRE4 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ALVTH16827VRE4 TI-74ALVTH16827VRE4 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ALVTH16827VRG4 TI-74ALVTH16827VRG4 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - 74ALVTH16821DLG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ALVTH16821 TI-SN54ALVTH16821 Datasheet
196Kb / 11P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162821 HITACHI-HD74ALVCH162821 Datasheet
56Kb / 12P
   3.3-V 20-bit Bus Interface Flip Flops with 3-state Outputs
HD74ALVCH16821 HITACHI-HD74ALVCH16821 Datasheet
51Kb / 12P
   3.3-V 20-bit Bus Interface Flip Flops with 3-state Outputs
HD74ALVCH162721 HITACHI-HD74ALVCH162721 Datasheet
52Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16721 RENESAS-HD74ALVCH16721 Datasheet
241Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
HD74ALVCH162721 RENESAS-HD74ALVCH162721 Datasheet
251Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74ALVCH16721 HITACHI-HD74ALVCH16721 Datasheet
52Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16821 TI-SN74ALVCH16821 Datasheet
134Kb / 10P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVC16821 TI1-SN74ALVC16821 Datasheet
192Kb / 11P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16821 TI-SN74ALVCH16821_08 Datasheet
312Kb / 12P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com