Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVTH16821VRG4 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części 74ALVTH16821VRG4
Szczegółowy opis  2.5-V/3.3-V 20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVTH16821VRG4 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button 74ALVTH16821VRG4 Datasheet HTML 4Page - Texas Instruments 74ALVTH16821VRG4 Datasheet HTML 5Page - Texas Instruments 74ALVTH16821VRG4 Datasheet HTML 6Page - Texas Instruments 74ALVTH16821VRG4 Datasheet HTML 7Page - Texas Instruments 74ALVTH16821VRG4 Datasheet HTML 8Page - Texas Instruments 74ALVTH16821VRG4 Datasheet HTML 9Page - Texas Instruments 74ALVTH16821VRG4 Datasheet HTML 10Page - Texas Instruments 74ALVTH16821VRG4 Datasheet HTML 11Page - Texas Instruments 74ALVTH16821VRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SN54ALVTH16821, SN74ALVTH16821
2.5-V/3.3-V 20-BIT BUS-INTERFACE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCES078E – JULY 1996 – REVISED JANUARY 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V
(unless otherwise noted) (see Figure 1)
SN54ALVTH16821
SN74ALVTH16821
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
150
150
MHz
tw
Pulse duration, CLK high or low
1.6
1.5
ns
t
Setup time data before CLK
Data high
1.6
1.5
ns
tsu
Setup time, data before CLK
Data low
2.1
2
ns
th
Hold time data after CLK
Data high
0.4
0.3
ns
th
Hold time, data after CLK
Data low
1.1
1
ns
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 2)
SN54ALVTH16821
SN74ALVTH16821
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
150
150
MHz
tw
Pulse duration, CLK high or low
1.6
1.5
ns
t
Setup time data before CLK
Data high
1.6
1.5
ns
tsu
Setup time, data before CLK
Data low
1.6
1.5
ns
th
Hold time data after CLK
Data high
1.1
1
ns
th
Hold time, data after CLK
Data low
1.1
1
ns
switching characteristics over recommended operating free-air temperature range, CL = 30 pF,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
SN54ALVTH16821
SN74ALVTH16821
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
150
150
MHz
tPLH
CLK
Q
1
4.2
1
4.1
ns
tPHL
CLK
Q
1
4.5
1
4.4
ns
tPZH
OE
Q
1.5
4.7
1.5
4.6
ns
tPZL
OE
Q
1
4.2
1
4.1
ns
tPHZ
OE
Q
1.5
4.6
1.5
4.5
ns
tPLZ
OE
Q
1
5
1
4.9
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
SN54ALVTH16821
SN74ALVTH16821
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
150
150
MHz
tPLH
CLK
Q
1
3.6
1
3.5
ns
tPHL
CLK
Q
1
3.6
1
3.5
ns
tPZH
OE
Q
1
4.2
1
4.1
ns
tPZL
OE
Q
1
3.7
1
3.6
ns
tPHZ
OE
Q
1
4.9
1
4.8
ns
tPLZ
OE
Q
1
4.8
1
4.6
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Podobny numer części - 74ALVTH16821VRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ALVTH16827DLG4 TI-74ALVTH16827DLG4 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ALVTH16827DLRG4 TI-74ALVTH16827DLRG4 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ALVTH16827GRE4 TI-74ALVTH16827GRE4 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ALVTH16827VRE4 TI-74ALVTH16827VRE4 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ALVTH16827VRG4 TI-74ALVTH16827VRG4 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - 74ALVTH16821VRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ALVTH16821 TI-SN54ALVTH16821 Datasheet
196Kb / 11P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162821 HITACHI-HD74ALVCH162821 Datasheet
56Kb / 12P
   3.3-V 20-bit Bus Interface Flip Flops with 3-state Outputs
HD74ALVCH16821 HITACHI-HD74ALVCH16821 Datasheet
51Kb / 12P
   3.3-V 20-bit Bus Interface Flip Flops with 3-state Outputs
HD74ALVCH162721 HITACHI-HD74ALVCH162721 Datasheet
52Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16721 RENESAS-HD74ALVCH16721 Datasheet
241Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
HD74ALVCH162721 RENESAS-HD74ALVCH162721 Datasheet
251Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74ALVCH16721 HITACHI-HD74ALVCH16721 Datasheet
52Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16821 TI-SN74ALVCH16821 Datasheet
134Kb / 10P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVC16821 TI1-SN74ALVC16821 Datasheet
192Kb / 11P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16821 TI-SN74ALVCH16821_08 Datasheet
312Kb / 12P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com