Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ACT1073DW Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ACT1073DW
Szczegółowy opis  16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT1073DW Arkusz danych(HTML) 3 Page - Texas Instruments

  SN74ACT1073DW Datasheet HTML 1Page - Texas Instruments SN74ACT1073DW Datasheet HTML 2Page - Texas Instruments SN74ACT1073DW Datasheet HTML 3Page - Texas Instruments SN74ACT1073DW Datasheet HTML 4Page - Texas Instruments SN74ACT1073DW Datasheet HTML 5Page - Texas Instruments SN74ACT1073DW Datasheet HTML 6Page - Texas Instruments SN74ACT1073DW Datasheet HTML 7Page - Texas Instruments SN74ACT1073DW Datasheet HTML 8Page - Texas Instruments SN74ACT1073DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SN74ACT1073
16-BIT BUS-TERMINATION ARRAY
WITH BUS-HOLD FUNCTION
SCAS193A − MARCH 1992 − REVISED NOVEMBER 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
MAX
UNIT
IIL
VCC = 4.5 to 5.5 V,
VI = 0.8 V
0.15
0.3
0.9
0.1
1
mA
IIH
VCC = 4.5 to 5.5 V,
VI = 2.5 V
−0.2
−0.5
−1.4
−0.15
−1.5
mA
VIKL
IIN = −18 mA
−1.5
−1.5
V
VIKH
IIN = 18 mA
VCC+2
VCC+2
V
ICC‡
VCC = 5.5 V,
Inputs open
4
40
μA
ΔICC§
One input at 3.4 V,
Other inputs at VCC or GND
0.9
1
mA
Ci
VI = VCC or GND
3
pF
All typical values are at VCC = 5 V.
Inputs may be set high or low prior to the ICC measurement.
§ This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or VCC.


Podobny numer części - SN74ACT1073DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ACT1073DW TI-SN74ACT1073DW Datasheet
228Kb / 9P
[Old version datasheet]   16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073DWE4 TI-SN74ACT1073DWE4 Datasheet
228Kb / 9P
[Old version datasheet]   16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073DWR TI-SN74ACT1073DWR Datasheet
228Kb / 9P
[Old version datasheet]   16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1073DWRE4 TI-SN74ACT1073DWRE4 Datasheet
228Kb / 9P
[Old version datasheet]   16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
More results

Podobny opis - SN74ACT1073DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ACT1073 TI-SN74ACT1073 Datasheet
228Kb / 9P
[Old version datasheet]   16-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1071 TI1-SN74ACT1071_14 Datasheet
488Kb / 11P
[Old version datasheet]   10-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74ACT1071 TI-SN74ACT1071 Datasheet
58Kb / 5P
[Old version datasheet]   10-BIT BUS-TERMINATION ARRAY WITH BUS-HOLD FUNCTION
SN74S1053 TI1-SN74S1053_V01 Datasheet
1Mb / 24P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
REVISED AUGUST 1997
SN74S1052 TI-SN74S1052 Datasheet
247Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053DBR TI-SN74S1053DBR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053NSR TI1-SN74S1053NSR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI-SN74S1053 Datasheet
91Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74CBTH16211 TI-SN74CBTH16211 Datasheet
171Kb / 9P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH BUS HOLD
SN74F1016 TI-SN74F1016 Datasheet
84Kb / 5P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com