Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB08-1215S Arkusz danych(PDF) 2 Page - Astrodyne Corporation

Numer części SB08-1215S
Szczegółowy opis  Isolated and Regulated 8 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTRODYNE [Astrodyne Corporation]
Strona internetowa  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SB08-1215S Arkusz danych(HTML) 2 Page - Astrodyne Corporation

  SB08-1215S Datasheet HTML 1Page - Astrodyne Corporation SB08-1215S Datasheet HTML 2Page - Astrodyne Corporation SB08-1215S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated and Regulated 8 WATT Modular DC/DC Converters
SB08 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Ranges:
12 VDC Nominal
9-18 VDC
24 VDC Nominal
18-36 VDC
48 VDC Nominal
36-75 VDC
Input Filter
L-C Type
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation
10% to FL
± 1% (3%, 3.3Vout)
Line Regulation
(HL-LL)
± 0.5%
Temperature Coefficient
±0.02%/°C
Ripple/Noise(Single/Dual)
<0.7% +70mVp-p max.
Voltage Accuracy
± 2%
Over Power Protection
>120%, Auto Recover *
Short Circuit Protection
Current Limit, Auto Recovery *
Efficiency
See Selection Chart
GENERAL SPECIFICATIONS
Input-Out Isolation
1600VDC
Isolation Resistance
10-8th Ohm min.
Isolation Capacitance
1000pF
Switching Frequency
300Khz
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-25 to +70°C
(with Derate, See Curve)
Case Temperature
100°C max.
Humidity
95% RH *
Storage Temperature
-55 to +105°C *
MTBF (MIL-HDBK-217F)
>800K Hrs @ 25°C
Cooling
Free Air Convection
PHYSICAL SPECIFICATIONS
Size (L x W x H)
1.25” x 0.8” x 0.4”
(31.8 x 20.3 x 10.2mm)
Case Material
Six Side Shielded Aluminum with
Non-Conductive Base,
Black Anodize
Construction
Fully Encapsulated
Weight
0.46 oz, (13g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted


Podobny numer części - SB08-1215S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SB08-1215S ETC2-SB08-1215S Datasheet
177Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
SB08-1215S ASTRODYNE-SB08-1215S Datasheet
177Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
More results

Podobny opis - SB08-1215S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
SB08 ASTRODYNE-SB08 Datasheet
177Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
SB08 ETC2-SB08 Datasheet
177Kb / 3P
   Isolated and Regulated 8 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
FEC40 ASTRODYNE-FEC40_16 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com