Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2420B Arkusz danych(PDF) 1 Page - Sumida Corporation

Numer części LF2420B
Szczegółowy opis  AC Common Mode Choke Coil
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMIDA [Sumida Corporation]
Strona internetowa  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

LF2420B Arkusz danych(HTML) 1 Page - Sumida Corporation

  LF2420B Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC Common Mode Choke Coil
LF2420B
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 1 of 1
Ver. 2016-06-07
www.sumida.com
New Recommended Type
Key Features
 Excellent attenuation characteristics in low frequency range
 L×W×H: 26.0×26.0×21.0mm (Max.)
 Withstand voltage: AC 2kV
 Product weight: 19g (Ref.)
 In addition to the standard versions of parameters shown here, custom designs are
available to meet your exact requirements
Applications
 Ideally used in noise prevention for TV, VCR, AV, OA equipments
Environmental Data
 Operating temperature range: -40°C~+80°C (including temperature rise of coil)
 Storage temperature range: -40°C~+80°C
Dimensions
– [mm]
Wire Connection (Bottom)
”indicates the same polarity
Electrical Characteristics
Specification
Measuring condition
Inductance (1-2) and (4-3)
15.5mH Min.
40kHz,1V
Inrush current (1-2) and (4-3)
135Vac 30A
2mS W/1Pulse
D.C.R. (1-2) and (4-3)
510mΩ Max.
At 20
°C
Hi-pot (1-2) and (4-3)
AC 2000Vrms
2mA 50/60Hz 60S
Rated current (1-4)
1.0A
Pin (2+3) shorted
Insulation resistance
100MΩ Min.
500V DC
※ Temperature rise rated current: the current when temperature of coil increases up to max. △t=45°C (ta=20°C in typical).
※ Winding turns: approx. winding ratio: 1:1.
※ Solder Temperature: 270±10°C for 5±0.5 Sec.
※ Inrush current is just design guarantee.
For sales office information, please click here to visit our website.


Podobny numer części - LF2420B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
LF2420 SUMIDA-LF2420 Datasheet
141Kb / 1P
   AC COMMON MODE COIL
LF2420 SUMIDA-LF2420 Datasheet
149Kb / 1P
   AC Commom mode coil
LF2420NP-103 SUMIDA-LF2420NP-103 Datasheet
149Kb / 1P
   AC Commom mode coil
LF2420NP-153 SUMIDA-LF2420NP-153 Datasheet
149Kb / 1P
   AC Commom mode coil
LF2420NP-203 SUMIDA-LF2420NP-203 Datasheet
149Kb / 1P
   AC Commom mode coil
More results

Podobny opis - LF2420B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
NFC1825 SUMIDA-NFC1825 Datasheet
207Kb / 2P
   AC Common Mode Choke Coil
logo
Murata Manufacturing Co...
PLA10AN3030R4R2B MURATA-PLA10AN3030R4R2B Datasheet
88Kb / 3P
   AC Line Filters Common Mode Choke Coil
PLA10AS2230R4D2B MURATA-PLA10AS2230R4D2B Datasheet
89Kb / 3P
   AC Line Filters Common Mode Choke Coil
logo
Abracon Corporation
ALFT-03A ABRACON-ALFT-03A Datasheet
931Kb / 2P
   AC Line Filters Common Mode Choke Coil
02.06.15
logo
DONG IL TECHNOLOGY LTD.
LS6 DIT-LS6 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
Sumida Corporation
CPFC43 SUMIDA-CPFC43 Datasheet
50Kb / 1P
   Common Mode Choke Coil
logo
DONG IL TECHNOLOGY LTD.
LS3 DIT-LS3 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
KOA Speer Electronics, ...
SLF0905TTEB102Y KOA-SLF0905TTEB102Y Datasheet
334Kb / 1P
   common mode choke coil
logo
DONG IL TECHNOLOGY LTD.
LC4 DIT-LC4 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
LC4 DIT-LC4_V01 Datasheet
1,005Kb / 1P
   COMMON MODE CHOKE COIL
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com