Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM117H Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części LM117H
Szczegółowy opis  Wide Temperature Three-Pin Adjustable Regulator
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM117H Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LM117H Datasheet HTML 2Page - Texas Instruments LM117H Datasheet HTML 3Page - Texas Instruments LM117H Datasheet HTML 4Page - Texas Instruments LM117H Datasheet HTML 5Page - Texas Instruments LM117H Datasheet HTML 6Page - Texas Instruments LM117H Datasheet HTML 7Page - Texas Instruments LM117H Datasheet HTML 8Page - Texas Instruments LM117H Datasheet HTML 9Page - Texas Instruments LM117H Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
LM117, LM317-N
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
www.ti.com
7.5 Thermal Information, LM317-N
LM317-N
KTT
NDE
DCY
NDT
NDP
THERMAL METRIC(1)(2)
UNIT
(TO-263)
(TO-220)
(SOT-223)
(TO)
(TO-252)
3 PINS
3 PINS
4 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
41.0
23.3
59.6
186(3)
54
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
43.6
16.2
39.3
21
51.3
°C/W
RθJB
Junction-to-board thermal resistance
23.6
4.9
8.4
28.6
°C/W
ψJT
Junction-to-top characterization parameter
10.4
2.7
1.8
3.9
°C/W
ψJB
Junction-to-board characterization parameter
22.6
4.9
8.3
28.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.9
1.1
0.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
When surface mount packages are used (SOT-223, TO-252), the junction to ambient thermal resistance can be reduced by increasing
the PCB copper area that is thermally connected to the package. See Heatsink Requirements for heatsink techniques.
(3)
No heatsink
7.6 LM117 Electrical Characteristics
Some specifications apply over full Operating Temperature Range as noted. Unless otherwise specified, TJ = 25°C, VIN
VOUT = 5 V, and IOUT = 10 mA.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3 V
≤ (VIN − VOUT) ≤ 40 V,
Reference voltage
1.2
1.25
1.3
V
10 mA
≤ IOUT ≤ IMAX
(1) (over full operating temperature range)
TJ = 25°C
0.01
0.02
Line regulation
3 V
≤ (VIN − VOUT) ≤ 40 V
(3)
%/V
over full operating
0.02
0.05
temperature range
TJ = 25°C
0.1%
0.3%
Load regulation
10 mA
≤ IOUT ≤ IMAX
(1) (3)
over full operating
0.3%
1%
temperature range
Thermal regulation
20-ms pulse
0.03
0.07
%/W
Adjustment pin current
over full operating temperature range
50
100
μA
10 mA
≤ IOUT ≤ IMAX
(1)
Adjustment pin current change
0.2
5
μA
3 V
≤ (VIN − VOUT) ≤ 40 V (over full operating temperature range)
Temperature stability
TMIN ≤ TJ ≤ TMAX (over full operating temperature range)
1%
Minimum load current
(VIN − VOUT) = 40 V (over full operating temperature range)
3.5
5
mA
TO-3 Package (over full
1.5
2.2
3.4
operating temperature range)
(VIN − VOUT) ≤ 15 V
A
TO-39 Package (over full
0.5
0.8
1.8
Current limit
operating temperature range)
TO-3 package
0.3
0.4
(VIN − VOUT) = 40 V
A
TO-39 package
0.15
0.2
RMS output noise, % of VOUT
10 Hz
≤ f ≤ 10 kHz
0.003%
VOUT = 10 V, f = 120 Hz, CADJ = 0 μF (over full operating
65
dB
temperature range)
Ripple rejection ratio
VOUT = 10 V, f = 120 Hz, CADJ = 10 μF (over full operating
66
80
dB
temperature range)
Long-term stability
TJ = 125°C, 1000 hrs
0.3%
1%
(1)
IMAX = 1.5 A for the NDS (TO-3), NDE (TO-220), and KTT (TO-263) packages. IMAX = 1.0 A for the DCY (SOT-223) package.
IMAX = 0.5 A for the NDT (TO) and NDP (TO-252) packages. Device power dissipation (PD) is limited by ambient temperature (TA),
device maximum junction temperature (TJ), and package thermal resistance (θJA). The maximum allowable power dissipation at any
temperature is : PD(MAX) = ((TJ(MAX) – TA) / θJA). All Min. and Max. limits are ensured to TI's Average Outgoing Quality Level (AOQL).
(2)
Specifications and availability for military and space grades of LM117/883 can be found in the LM117QML data sheet (SNVS356).
Specifications and availability for military and space grades of LM117 can be found in the LM117JAN data sheet (SNVS365).
(3)
Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specifications for thermal regulation.
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM117 LM317-N


Podobny numer części - LM117H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM117H NSC-LM117H Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
Seme LAB
LM117H SEME-LAB-LM117H Datasheet
24Kb / 2P
   0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM117H NSC-LM117H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
LM117H NSC-LM117H Datasheet
1,013Kb / 28P
   3-Terminal Adjustable Regulator
logo
Seme LAB
LM117H SEME-LAB-LM117H Datasheet
206Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Podobny opis - LM117H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM317-N-MIL TI1-LM317-N-MIL Datasheet
4Mb / 39P
[Old version datasheet]   Wide Temperature Three-Pin Adjustable Regulator
LM117 TI-LM117_V01 Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
logo
Skyworks Solutions Inc.
AAT2503 SKYWORKS-AAT2503 Datasheet
1Mb / 22P
   Adjustable Three-Channel Regulator
AAT2504 SKYWORKS-AAT2504 Datasheet
1Mb / 21P
   Adjustable Three-Channel Regulator
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com