Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

742X083 Arkusz danych(PDF) 2 Page - CTS Corporation

Numer części 742X083
Szczegółowy opis  Chip Resistor Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CTS [CTS Corporation]
Strona internetowa  http://www.ctscorp.com
Logo CTS - CTS Corporation

742X083 Arkusz danych(HTML) 2 Page - CTS Corporation

  742X083 Datasheet HTML 1Page - CTS Corporation 742X083 Datasheet HTML 2Page - CTS Corporation 742X083 Datasheet HTML 3Page - CTS Corporation 742X083 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document No. 008-0335-0
Page 2 - 4
Rev. H
Chip Resistor Arrays
Series 74x
ORDERING INFORMATION
ELECTRICAL & ENVIRONMENTAL CHARACTERISTICS
AVAILABLE RESISTOR VALUES & EIA CODES
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
0
000X
68
680
510
511
3.9K
392
30.0K
303
220K
224
10
100
75
750
560
561
4.3K
432
33.0K
333
240K
244
11
110
82
820
620
621
4.7K
472
36.0K
363
270K
274
12
120
91
910
680
681
5.1K
512
39.0K
393
300K
304
13
130
100
101
750
751
5.6K
562
43.0K
433
330K
334
15
150
110
111
820
821
6.2K
622
47.0K
473
360K
364
16
160
120
121
910
911
6.8K
682
51.0K
513
390K
394
18
180
130
131
1.0K
102
7.5K
752
56.0K
563
430K
434
20
200
150
151
1.1K
112
8.2K
822
62.0K
623
470K
474
22
220
160
161
1.2K
122
9.1K
912
68.0K
683
510K
514
24
240
180
181
1.3K
132
10.0K
103
75.0K
753
560K
564
27
270
200
201
1.5K
152
11.0K
113
82.0K
823
620K
624
30
300
220
221
1.6K
162
12.K
123
91.0K
913
680K
684
33
330
240
241
1.8K
182
13.K
133
100K
104
750K
754
36
360
270
271
2.0K
202
15.0K
153
110K
114
820K
824
39
390
300
301
2.2K
222
16.0K
163
120K
124
910K
914
43
430
330
331
2.4K
242
18.0K
183
130K
134
1M
105
47
470
360
361
2.7K
272
20.0K
203
150K
154
51
510
390
391
3.0K
302
22.0K
223
160K
164
56
560
430
431
3.3K
332
24.0K
243
180K
184
62
620
470
471
3.6K
362
27.0K
273
200K
204
TAPE & REEL INFORMATION
Reel
Diameter
7"
740X043
741X043
741C083
741X083
742C043
742C083
742X083
741X163
742C163
743C043
744C043
743C083
744C083
745C101
745C102
745X101
745X102
746X101
Parts Per
Reel
10,000
10,000
5,000
5,000
4,000
4,000
4,000
4,000
4,000
5,000
Pitch
2mm
2mm
4mm
4mm
4mm
4mm
4mm
4mm
4mm
4mm
8mm *
12mm *
Material
Paper
Paper
Paper
Paper
Plastic
Plastic
Plastic
Plastic
Plastic
Paper
* See Ordering Information for packaging code indicator.
12mm
8mm
12mm
8mm
12mm
12mm
Carrier
Width
8mm
8mm
8mm
Series
PCB Area (in²)
Per Resistor
Circuit Type
Resistance
Range, Ohms
70°C Power
Per Resistor *
Maximum
Operating
Voltage
740
0.0008
Isolated
10 - 1M
.031W
12.5V
741
0.0015
Isolated
10 - 1M
.063W
25V
742
0.0037
Isolated
10 - 1M
.063W
50V
743
0.0071
Isolated
10 - 1M
.100W
100V
744
0.0094
Isolated
10 - 1M
.125W
200V
745X
0.0058
Bussed
10 - 330K
.063W
50V
745C
0.0058
Bussed
100 - 470K
.063W
50V
746
0.0013
Bussed
10 - 100K
.031W
25V
* Total Rated Package Power equals total number of resistors times rated Power per Resistor
740
741
742-746
Thermal Cycle
1.00% 1.00%
1.00%
5 Cycles -55°C to +125°C
Short Time Overload
2.00% 2.50%
1.00%
2½ Times Rated Working Voltage for 5 Seconds
Moisture Resistance
2.00% 5.00%
2.00%
240 Hours 10% rated load, -10°C to +65°C, 90% R.H.
High Temperature Exposure
3.00% 1.00%
1.00%
1000 Hours, no load, +125°C
Load Life
3.00% 5.00%
2.00%
1000 Hours @ +70°C, rated load
Resistance to Solder Heat
1.00% 2.50%
1.00%
10 Seconds @ +260°C solder
Resistance to Solvents
Isopropyl alcohol, Freon TMC
Solderability
RMA Flux, +230°C, 5 Seconds dip, 95% coverage
Test
Maximum Delta R
Test Description
Resistance Tolerance: Std. ±5% or 0.5Ω
(whichever is greater).
See Ordering Information for other
options available.
Operating Temperature Range: -55°C to
+125°C.
Temperature Coefficient: ±200 ppm/°C.


Podobny numer części - 742X083

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
742X083 ETC1-742X083 Datasheet
644Kb / 4P
   THICK FILM CHIP RESISTORS ARRAYS
logo
CTS Corporation
742X083 CTS-742X083 Datasheet
156Kb / 5P
   Chip Resistor Arrays
742X083 CTS-742X083 Datasheet
182Kb / 4P
   Low Cost
742X083100FP CTS-742X083100FP Datasheet
216Kb / 5P
   Chip Resistor Arrays
742X083100FP CTS-742X083100FP Datasheet
156Kb / 5P
   Chip Resistor Arrays
More results

Podobny opis - 742X083

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CTS Corporation
740X043 CTS-740X043 Datasheet
156Kb / 5P
   Chip Resistor Arrays
744C083821JP CTS-744C083821JP Datasheet
182Kb / 4P
   Chip Resistor Arrays
746X101103J CTS-746X101103J Datasheet
182Kb / 4P
   Chip Resistor Arrays
logo
AVX Corporation
CRB3A4E472JT AVX-CRB3A4E472JT Datasheet
107Kb / 6P
   Chip Resistor Arrays
logo
Welwyn Components Limit...
WNCR WELWYN-WNCR Datasheet
144Kb / 2P
   Chip Resistor Arrays
logo
TT Electronics.
BCN TTELEC-BCN Datasheet
598Kb / 9P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16-182J4LF BOURNS-CAT16-182J4LF Datasheet
535Kb / 3P
   Chip Resistor Arrays
logo
CTS Corporation
741 CTS-741 Datasheet
216Kb / 5P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16 BOURNS-CAT16 Datasheet
320Kb / 4P
   Chip Resistor Arrays
logo
CTS Corporation
742C083102JP CTS-742C083102JP Datasheet
185Kb / 4P
   Chip Resistor Arrays
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com