Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74V245-15PAGEP Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74V245-15PAGEP
Szczegółowy opis  DSP-SYNC FIRST-IN, FIRST-OUT MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74V245-15PAGEP Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button SN74V245-15PAGEP Datasheet HTML 4Page - Texas Instruments SN74V245-15PAGEP Datasheet HTML 5Page - Texas Instruments SN74V245-15PAGEP Datasheet HTML 6Page - Texas Instruments SN74V245-15PAGEP Datasheet HTML 7Page - Texas Instruments SN74V245-15PAGEP Datasheet HTML 8Page - Texas Instruments SN74V245-15PAGEP Datasheet HTML 9Page - Texas Instruments SN74V245-15PAGEP Datasheet HTML 10Page - Texas Instruments SN74V245-15PAGEP Datasheet HTML 11Page - Texas Instruments SN74V245-15PAGEP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
From Output
Under Test
30 pF
(see Note A)
510 Ω
330 Ω
3.3 V
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load for tCLK = 10 ns, 15 ns
Output Load for tCLK = 7.5 ns
GND to 3.0 V
3 ns
1.5 V
1.5 V
See A
See B and C
AC TEST CONDITIONS
50 Ω
VCC/2
ZO = 50 Ω
I/O
B. AC TEST LOAD FOR 7.5 SPEED GRADE
A. OUTPUT LOAD CIRCUIT
FOR 10, 15, AND 20 SPEED GRADES
0
1
2
3
4
5
6
0
20
40
60
80 100 120 140 160 180 200
C. LUMPED CAPACITIVE LOAD, TYPICAL DERATING
Capacitance – pF
SN74V245-EP
SCAS932A – DECEMBER 2012 – REVISED JANUARY 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION
A.
Includes probe and jig capacitance
Figure 2. Load Circuits
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: SN74V245-EP


Podobny numer części - SN74V245-15PAGEP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74V245-15PAG TI-SN74V245-15PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-15PAG TI-SN74V245-15PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

Podobny opis - SN74V245-15PAGEP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
   First-In First-Out (FIFO) Buffer Memory
logo
Integrated Device Techn...
7201LA20TP IDT-7201LA20TP Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
7201LA35J IDT-7201LA35J Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com