Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74SSTVF16857VR Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części SN74SSTVF16857VR
Szczegółowy opis  14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTVF16857VR Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74SSTVF16857VR Datasheet HTML 1Page - Texas Instruments SN74SSTVF16857VR Datasheet HTML 2Page - Texas Instruments SN74SSTVF16857VR Datasheet HTML 3Page - Texas Instruments SN74SSTVF16857VR Datasheet HTML 4Page - Texas Instruments SN74SSTVF16857VR Datasheet HTML 5Page - Texas Instruments SN74SSTVF16857VR Datasheet HTML 6Page - Texas Instruments SN74SSTVF16857VR Datasheet HTML 7Page - Texas Instruments SN74SSTVF16857VR Datasheet HTML 8Page - Texas Instruments SN74SSTVF16857VR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN74SSTVF16857
14BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES411B – AUGUST 2002 – REVISED APRIL 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics for PC1600, PC2100, and PC2700 over recommended operating free-air
temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC AND
VDDQ
MIN
TYP†
MAX
UNIT
VIK
II = –18 mA
2.3 V
–1.2
V
V
IOH = –100 µA
2.3 V to 2.7 V
VDDQ–0.2
V
VOH
IOH = –8 mA
2.3 V
1.95
V
V
IOL = 100 µA
2.3 V to 2.7 V
0.2
V
VOL
IOL = 8 mA
2.3 V
0.35
V
II
All inputs
VI = VCC or GND
2.7 V
±5
µA
I
Static standby
RESET = GND
I0
27V
10
µA
ICC
Static operating
RESET = VCC, VI = VIH(AC) or VIL(AC)
IO = 0
2.7 V
8
25
mA
Dynamic operating –
clock only
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle
28
µA/
MHz
ICCD
Dynamic operating –
per each data input
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle,
One data input switching at
one-half clock frequency, 50% duty cycle
IO = 0
2.5 V
7
µA/
clock
MHz/
D input
Data inputs
VI = VREF ± 310 mV
2.5
3
3.5
Ci
CLK, CLK
VICR = 1.25 V, VI(PP) = 360mV
2.5 V
2.5
3
3.5
pF
Ci
RESET
VI = VCC or GND
2.5 V
2.3
3
3.5
F
† All typical values are at VCC = 2.5 V, TA = 25°C.
electrical characteristics for PC3200 over recommended operating free-air temperature range
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC AND
VDDQ
MIN
TYP†
MAX
UNIT
VIK
II = –18 mA
2.5 V
–1.2
V
V
IOH = –100 µA
2.5 V to 2.7 V
VDDQ–0.2
V
VOH
IOH = –8 mA
2.5 V
1.95
V
V
IOL = 100 µA
2.5 V to 2.7 V
0.2
V
VOL
IOL = 8 mA
2.5 V
0.35
V
II
All inputs
VI = VCC or GND
2.7 V
±5
µA
I
Static standby
RESET = GND
I0
27V
10
µA
ICC
Static operating
RESET = VCC, VI = VIH(AC) or VIL(AC)
IO = 0
2.7 V
8
25
mA
Dynamic operating –
clock only
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle
28
µA/
MHz
ICCD
Dynamic operating –
per each data input
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle,
One data input switching at
one-half clock frequency, 50% duty cycle
IO = 0
2.6 V
7
µA/
clock
MHz/
D input
Data inputs
VI = VREF ± 310 mV
2.5
3
3.5
Ci
CLK, CLK
VICR = 1.25 V, VI(PP) = 360mV
2.6 V
2.5
3
3.5
pF
Ci
RESET
VI = VCC or GND
2.6 V
2.3
3
3.5
F
† All typical values are at VCC = 2.6 V, TA = 25°C.


Podobny numer części - SN74SSTVF16857VR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74SSTVF16857VR TI-SN74SSTVF16857VR Datasheet
170Kb / 10P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
More results

Podobny opis - SN74SSTVF16857VR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74SSTVF16857 TI-SN74SSTVF16857 Datasheet
170Kb / 10P
[Old version datasheet]   14 BIT REGISTERED BUFFER WITH SSTL 2 INPUT AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
   1:1 14-bit SSTL-2 Registered Buffer
logo
Integrated Device Techn...
IDT74SSTVF16857 IDT-IDT74SSTVF16857 Datasheet
67Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16857 IDT-IDT74SSTVF16857_07 Datasheet
72Kb / 6P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
logo
Texas Instruments
SN74SSTVF16859 TI1-SN74SSTVF16859_17 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI1-SN74SSTVF16859_16 Datasheet
683Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_16 Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
Renesas Technology Corp
IDT74SSTVF16857 RENESAS-IDT74SSTVF16857 Datasheet
246Kb / 7P
   14-BIT REGISTERED BUFFER WITH SSTL I/O
JUNE 2003
logo
Texas Instruments
SN74SSTV16859 TI1-SN74SSTV16859_17 Datasheet
878Kb / 15P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com