Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74V273 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części SN74V273
Szczegółowy opis  3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74V273 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button SN74V273 Datasheet HTML 5Page - Texas Instruments SN74V273 Datasheet HTML 6Page - Texas Instruments SN74V273 Datasheet HTML 7Page - Texas Instruments SN74V273 Datasheet HTML 8Page - Texas Instruments SN74V273 Datasheet HTML 9Page - Texas Instruments SN74V273 Datasheet HTML 10Page - Texas Instruments SN74V273 Datasheet HTML 11Page - Texas Instruments SN74V273 Datasheet HTML 12Page - Texas Instruments SN74V273 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
SN74V263, SN74V273, SN74V283, SN74V293
8192
× 18, 16384 × 18, 32768 × 18, 65536 × 18
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SCAS669D – JUNE 2001 – REVISED FEBRUARY 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
partial reset (PRS)
A partial reset is accomplished when the PRS input is taken to a low state. As in the case of the master reset,
the internal read and write pointers are set to the first location of the RAM array, PAE goes low, PAF goes high,
and HF goes high.
Whichever mode is active at the time of partial reset remains selected (FWFT or standard mode). If FWFT mode
is active, OR goes high and IR goes low. If the standard mode is active, FF goes high and EF goes low.
Following partial reset, all values held in the offset registers remain unchanged. The programming method
(parallel or serial) active at the time of partial reset also is retained. The output register is initialized to all zeroes.
PRS is asynchronous.
A partial reset is useful for resetting the device during operation, when reprogramming programmable-flag offset
settings might not be convenient.
See Figure 6 for timing information.
retransmit (RT)
The retransmit operation allows previously read data to be accessed again. There are two modes of retransmit
operation: normal latency and zero latency. There are two stages to retransmit. The first stage is a setup
procedure that resets the read pointer to the first location of memory. The second stage is the actual retransmit,
which consists of reading out the memory contents, starting at the beginning of the memory.
Retransmit setup is initiated by holding RT low during a rising RCLK edge. REN and WEN must be high before
RCLK rises when RT is low. When zero latency is used, REN need not be high before RCLK rises while RT is
low.
If FWFT mode is selected, the FIFO marks the beginning of the retransmit setup by setting OR high. During this
period, the internal read pointer is set to the first location of the RAM array.
When OR goes low, retransmit setup is complete; at the same time, the contents of the first location appear on
the outputs. Because FWFT mode is selected, the first word appears on the outputs and no low on REN is
necessary. Reading all subsequent words requires a low on REN to enable the rising edge of RCLK.
See Figure 12 for timing information.
If standard mode is selected, the FIFO marks the beginning of the retransmit setup by setting EF low. The
change in level is noticeable only if EF was high before setup. During this period, the internal read pointer is
initialized to the first location of the RAM array.
When EF goes high, retransmit setup is complete and read operations can begin, starting with the first location
in memory. Since standard mode is selected, every word read, including the first word following retransmit
setup, requires a low on REN to enable the rising edge of RCLK.
See Figure 11 for timing information.
In retransmit operation, the zero-latency mode can be selected using the retransmit latency mode (RM) pin
during a master reset. This can be applied to the standard mode and the FWFT mode.
retransmit latency mode (RM)
A zero-latency retransmit timing mode can be selected using RM. During master reset, a low on RM selects
zero-latency retransmit. A high on RM during master reset selects normal latency.
If zero-latency retransmit operation is selected, the first data word to be retransmitted is placed on the output
register with respect to the same RCLK edge that initiated the retransmit based on RT being low.
See Figures 13 and 14 for timing information.


Podobny numer części - SN74V273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74V273 TI-SN74V273 Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V273-10GGM TI-SN74V273-10GGM Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V273-10PZA TI-SN74V273-10PZA Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V273-15GGM TI-SN74V273-15GGM Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V273-15PZA TI-SN74V273-15PZA Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
More results

Podobny opis - SN74V273

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74V263-EP TI1-SN74V263-EP Datasheet
702Kb / 49P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT72211L15RJ TI-SN74ACT72211L15RJ Datasheet
305Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI1-SN74ALVC3631_07 Datasheet
476Kb / 29P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
logo
Fairchild Semiconductor
AM3341 FAIRCHILD-AM3341 Datasheet
407Kb / 6P
   64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com