Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMBF3Z3.9 Arkusz danych(PDF) 3 Page - SUNMATE electronic Co., LTD

Numer części SMBF3Z3.9
Szczegółowy opis  SURFACE MOUNT SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNMATE [SUNMATE electronic Co., LTD]
Strona internetowa  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMBF3Z3.9 Arkusz danych(HTML) 3 Page - SUNMATE electronic Co., LTD

  SMBF3Z3.9 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMBF3Z3.9 Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMBF3Z3.9 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
SMBF3Z110
110
6.8
225
4000
0.25
0.5
83.6
SMBF3Z120
120
6.3
300
4500
0.25
0.5
91.2
SMBF3Z130
130
5.8
375
5000
0.25
0.5
98.8
SMBF3Z140
140
5.3
475
5000
0.25
0.5
106.4
SMBF3Z150
150
5.0
550
6000
0.25
0.5
114.0
SMBF3Z160
160
4.7
625
6500
0.25
0.5
121.6
SMBF3Z170
170
4.4
650
7000
0.25
0.5
130.4
SMBF3Z180
180
4.2
700
7000
0.25
0.5
136.8
SMBF3Z190
190
4.0
800
8000
0.25
0.5
144.8
SMBF3Z200
200
3.7
875
8000
0.25
0.5
152.0
SMBF3Z220
220
3.4
1600
9000
0.25
1
167.0
SMBF3Z240
240
3.1
1700
9000
0.25
1
182.0
SMBF3Z270
270
2.8
1800
9000
0.25
1
205.0
SMBF3Z300
300
2.5
1900
9000
0.25
1
228.0
SMBF3Z330
330
2.3
2200
9000
0.25
1
251.0
SMBF3Z360
360
2.1
2700
9000
0.25
1
274.0
SMBF3Z400
400
1.9
3500
9000
0.25
1
304.0
www.sunmate.tw
Note :
( 1 ) Suffix " 5 " indicates
± 5.0% tolerance, suffix " 10 " indicates ± 10.0% tolerance.
( 2 ) " EZ " will be omitted in marking on the diode
(mA)
25
22
21
19
18
17
16
15
14
13
12
11
10
9
8
8
7


Podobny numer części - SMBF3Z3.9

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SUNMATE electronic Co.,...
SMBF30 SUNMATE-SMBF30 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMBF300 SUNMATE-SMBF300 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMBF300A SUNMATE-SMBF300A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMBF300C SUNMATE-SMBF300C Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMBF300CA SUNMATE-SMBF300CA Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Podobny opis - SMBF3Z3.9

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com