Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB020A03KV8 Arkusz danych(PDF) 3 Page - Cystech Electonics Corp.

Numer części MTB020A03KV8
Szczegółowy opis  Dual N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020A03KV8 Arkusz danych(HTML) 3 Page - Cystech Electonics Corp.

  MTB020A03KV8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB020A03KV8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB020A03KV8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB020A03KV8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB020A03KV8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB020A03KV8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB020A03KV8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB020A03KV8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB020A03KV8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C143V8
Issued Date : 2016.06.13
Revised Date :
Page No. : 3/9
MTB020A03KV8
CYStek Product Specification
Dynamic
Ciss
-
438
-
Coss
-
63
-
Crss
-
47
-
pF
VDS=25V
, VGS=0V, f=1MHz
*td(ON)
-
5.8
-
*tr
-
17.2
-
*td(OFF)
-
33.8
-
*tf
-
10.4
-
ns
VDS=15V
, ID=1A, VGS=10V, RG=6Ω
*Qg
-
12.1
-
*Qgs
-
1.7
-
*Qgd
-
3.6
-
nC
VDS=24V
, ID=10A, VGS=10V
Body Diode
*VSD
-
0.8
1.2
V
VGS=0V, IS=2.3A
*trr
-
9.2
-
ns
*Qrr
-
4
-
nC
IS=2.3A, VGS=0V, dI/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Recommended Soldering Footprint
unit : mm


Podobny numer części - MTB020A03KV8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB020N03E3 CYSTEKEC-MTB020N03E3 Datasheet
372Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB020N03E3 DOINGTER-MTB020N03E3 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Cystech Electonics Corp...
MTB020N03E3-0-UB-X CYSTEKEC-MTB020N03E3-0-UB-X Datasheet
372Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KJ3 CYSTEKEC-MTB020N03KJ3 Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KJ3-0-T3-G CYSTEKEC-MTB020N03KJ3-0-T3-G Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Podobny opis - MTB020A03KV8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com