Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB020N03E3-0-UB-X Arkusz danych(PDF) 2 Page - Cystech Electonics Corp.

Numer części MTB020N03E3-0-UB-X
Szczegółowy opis  N-Channel Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020N03E3-0-UB-X Arkusz danych(HTML) 2 Page - Cystech Electonics Corp.

  MTB020N03E3-0-UB-X Datasheet HTML 1Page - Cystech Electonics Corp. MTB020N03E3-0-UB-X Datasheet HTML 2Page - Cystech Electonics Corp. MTB020N03E3-0-UB-X Datasheet HTML 3Page - Cystech Electonics Corp. MTB020N03E3-0-UB-X Datasheet HTML 4Page - Cystech Electonics Corp. MTB020N03E3-0-UB-X Datasheet HTML 5Page - Cystech Electonics Corp. MTB020N03E3-0-UB-X Datasheet HTML 6Page - Cystech Electonics Corp. MTB020N03E3-0-UB-X Datasheet HTML 7Page - Cystech Electonics Corp. MTB020N03E3-0-UB-X Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C737E3
Issued Date : 2016.06.23
Revised Date :
Page No. : 2/8
MTB020N03E3
CYStek Product Specification
Absolute Maximum Ratings (TC=25
°C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @VGS=10V, TC=25
°C
34
Continuous Drain Current @VGS=10V, TC=125
°C
ID
21.5
Pulsed Drain Current
(Note 1)
IDM
136
Avalanche Current @L=0.5mH
IAS
13
A
Avalanche Energy @ L=5mH, ID=6A, VDD=30V (Note 2)
EAS
90
Repetitive Avalanche Energy@ L=0.05mH
EAR
7
mJ
Total Power Dissipation (TC=25℃)
68
Total Power Dissipation (TC=100℃)
27
Total Power Dissipation (TA=25℃)
2
Total Power Dissipation (TA=100℃)
PD
0.8
W
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
°C
Note : 1. Pulse width limited by maximum junction temperature
2. 100% tested by conditions of L=1mH, IAS=5A, VGS=10V, VDD=15V
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
RθJC
2.2
Thermal Resistance, Junction-to-ambient, max
RθJA
62.5
°C/W
Characteristics (TC=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
30
-
-
V
VGS=0V, ID=250μA
∆BVDSS/∆Tj
-
0.02
-
V/
°C
Reference to 25
°C, ID=250μA
VGS(th)
1
-
2.5
V
VDS = VGS, ID=250μA
GFS
-
14
-
S
VDS =5V, ID=10A
IGSS
-
-
±
100
nA
VGS=±20V
-
-
1
VDS =30V, VGS =0V
IDSS
-
-
25
μA
VDS =24V, VGS =0V, Tj=125
°C
-
18
23.5
VGS =10V, ID=20A
*RDS(ON)
-
25
35
VGS =4.5V, ID=20A
Dynamic
*Qg
-
13.2
-
*Qgs
-
2.5
-
*Qgd
-
2.3
-
nC
ID=20A, VDS=15V, VGS=10V
*td(ON)
-
7
-
*tr
-
17
-
*td(OFF)
-
29.8
-
*tf
-
7
-
ns
VDS=15V, ID=1A, VGS=10V, RG=6Ω


Podobny numer części - MTB020N03E3-0-UB-X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHENZHEN DOINGTER SEMIC...
MTB020N03E3 DOINGTER-MTB020N03E3 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Podobny opis - MTB020N03E3-0-UB-X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com