Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB050P10H8 Arkusz danych(PDF) 11 Page - Cystech Electonics Corp.

Numer części MTB050P10H8
Szczegółowy opis  P-Channel Enhancement Mode Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB050P10H8 Arkusz danych(HTML) 11 Page - Cystech Electonics Corp.

Back Button MTB050P10H8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB050P10H8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB050P10H8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB050P10H8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB050P10H8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB050P10H8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB050P10H8 Datasheet HTML 9Page - Cystech Electonics Corp. MTB050P10H8 Datasheet HTML 10Page - Cystech Electonics Corp. MTB050P10H8 Datasheet HTML 11Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CYStech Electronics Corp.
Spec. No. : C975H8
Issued Date : 2016.08.01
Revised Date :
Page No. : 11/11
MTB050P10H8
CYStek Product Specification
DFN5×6 Dimension
Millimeters
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.900
1.000
0.035
0.039
k
1.190
1.390
8-Lead DFN5×6 Plastic Package
CYS Package Code : H8
Device
Name
B050
P10
Date Code
Marking :
0.047
0.055
A3
0.254 REF
0.010 REF
b
0.350
0.450
0.014
0.018
D
4.944
5.096
0.195
0.201
e
1.270 TYP.
0.050 TYP.
E
5.974
6.126
0.235
0.241
L
0.559
0.711
0.022
0.028
D1
3.910
4.110
0.154
0.162
L1
0.424
0.576
0.017
0.023
E1
3.375
3.575
0.133
0.141
H
0.574
0.726
0.023
0.029
D2
4.824
4.976
0.190
0.196
θ
10°
12°
10°
12°
E2
5.674
5.826
0.223
0.229
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Podobny numer części - MTB050P10H8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB050P10E3 CYSTEKEC-MTB050P10E3 Datasheet
275Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10E3-0-UB-S CYSTEKEC-MTB050P10E3-0-UB-S Datasheet
275Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10F3 CYSTEKEC-MTB050P10F3 Datasheet
396Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10F3-0-T7-S CYSTEKEC-MTB050P10F3-0-T7-S Datasheet
396Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10FP CYSTEKEC-MTB050P10FP Datasheet
260Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
More results

Podobny opis - MTB050P10H8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com