Zakładka z wyszukiwarką danych komponentów |
|
LF2420NP-B-103 Arkusz danych(PDF) 1 Page - Sumida Corporation |
|
LF2420NP-B-103 Arkusz danych(HTML) 1 Page - Sumida Corporation |
|
1 / 1 page AC COMMON MODE COIL <Pin Type: LF Series> Type: LF2420 Please refer to the sales offices on our website for a representative near you www.sumida.com 1/1 ◆ Product Description ・ 25.2×25.2mm Max.(L×W), 21.0mm Max. Height . ・ Inductance range: 2.5mH~35mH ・ Rated current range: 0.6~2.0A ・ In addition to the standard versions of parameters shown here, custom designs are available to meet your exact requirements. ◆ Feature ・ Large inductance is possible with closed magnetic core. ・ Inexpensive type. ・ Excellent attenuation characteristics in low frequency range. ・ Ideally used in TV,VCR,AV,OA equipment for noise prevention. ・ RoHS Compliance ◆ Dimensions (mm) ◆ Schematics (Bottom) * Winding start is #1,#2 or #4,#3. * #1, #3:should be same * Dimension does not include solder used on coil. polarity. * Terminal pitch is measured at the base(not from tip of the pin) ◆ Specification Part No. Stamp Inductance [MIN.](mH) (4-1)or (3-2) 1kHz Inductance Balance [ MAX.](μH) D.C.R. (Ω) [MAX.] (4-1)(3-2) (at 20℃) Rated Current (50/60Hz) ( Arms)※1 LF2420NP-B-252 252 2.5 100 0.13 2.0 LF2420NP-B-352 352 3.5 150 0.18 1.7 LF2420NP-B-452 452 4.5 200 0.21 1.5 LF2420NP-B-103 103 10.0 300 0.47 1.0 LF2420NP-B-153 153 15.0 400 0.73 0.8 LF2420NP-B-203 203 20.0 600 0.87 0.7 LF2420NP-B-353 353 35.0 800 1.58 0.6 ※ 1. Rated current: The AC current at which the temperature rise is △t=45℃.(Ta=20℃). 24.2±1.0 21.0 MAX. 4.0±0.5 21.0±0.5 ADHESIVE 2 1 3 4 ② ① ③ ④ |
Podobny numer części - LF2420NP-B-103 |
|
Podobny opis - LF2420NP-B-103 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |