Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZY97C36 Arkusz danych(PDF) 1 Page - SUNMATE electronic Co., LTD

Numer części BZY97C36
Szczegółowy opis  AXIAL LEADED SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNMATE [SUNMATE electronic Co., LTD]
Strona internetowa  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZY97C36 Arkusz danych(HTML) 1 Page - SUNMATE electronic Co., LTD

  BZY97C36 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZY97C36 Datasheet HTML 2Page - SUNMATE electronic Co., LTD BZY97C36 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZY97C3.3-BZY97C240
POWER: 1.5Wa t t s
VOLTAGE RANGE: 3.3 - 240V
1 of 3
Mounting position : Any
Complete Voltage Range 3.3 to 240 Volts
Polarity : Color band denotes cathode end
Lead : Axial lead solderable per MIL-STD-202,
Epoxy : UL94V-O rate flame retardant
Case : DO-41 Molded plastic
Low leakage current
High reliability
High peak reverse power dissipation
method 208 guaranteed
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 75 ° C (Note1)
PD
1.5
Watts
Maximum Forward Voltage at IF = 200 mA
VF
1.5
Volts
Maximum Thermal Resistance Junction to Ambient Air (Note2)
RθJA
130
K / W
Junction Temperature Range
TJ
- 55 to + 175
°C
Storage Temperature Range
Ts
- 55 to + 175
°C
Note :
(1) TL = Lead temperature at 3/8 " (9.5mm) from body
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
Features
Mechanical Data
Maximum Ratings @ TA = 25°C unless otherwise specified
www.sunmate.tw
AXIAL LEADED SILICON ZENER DIODES
Weight: 0.35 grams (approx.)
!
!
!
!
!
!
!
!
!
A
A
B
C
D
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
DO-41


Podobny numer części - BZY97C36

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Galaxy Semi-Conductor H...
BZY97C36 BILIN-BZY97C36 Datasheet
239Kb / 5P
   ZENER DIODES
logo
Shenzhen Taychipst Elec...
BZY97C36 TAYCHIPST-BZY97C36 Datasheet
3Mb / 3P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
BZY97C36 SUNMATE-BZY97C36 Datasheet
141Kb / 2P
   1.5Watts Axial leaded Zener Diodes
logo
Shenzhen Luguang Electr...
BZY97C36 LUGUANG-BZY97C36 Datasheet
2Mb / 5P
   Zener Diodes
logo
List of Unclassifed Man...
BZY97C36GP ETC1-BZY97C36GP Datasheet
74Kb / 5P
   1.5 W Zener Diodes
More results

Podobny opis - BZY97C36

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SUNMATE electronic Co.,...
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
BZX79C2V4 SUNMATE-BZX79C2V4 Datasheet
328Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
P100A SUNMATE-P100A Datasheet
358Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
ZY3.6S SUNMATE-ZY3.6S Datasheet
263Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5L SUNMATE-2EZ3.6D5L Datasheet
252Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
BZW03C6V8 SUNMATE-BZW03C6V8 Datasheet
395Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
3EZ3.9D5L SUNMATE-3EZ3.9D5L Datasheet
389Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
BZX85C2V4 SUNMATE-BZX85C2V4 Datasheet
364Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
MZ4728A SUNMATE-MZ4728A Datasheet
454Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com