Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZY97C22 Arkusz danych(PDF) 2 Page - SUNMATE electronic Co., LTD

Numer części BZY97C22
Szczegółowy opis  AXIAL LEADED SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNMATE [SUNMATE electronic Co., LTD]
Strona internetowa  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZY97C22 Arkusz danych(HTML) 2 Page - SUNMATE electronic Co., LTD

  BZY97C22 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZY97C22 Datasheet HTML 2Page - SUNMATE electronic Co., LTD BZY97C22 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZY97C240
BZY97C200
BZY97C180
BZY97C160
BZY97C150
BZY97C130
BZY97C120
BZY97C110
BZY97C100
BZY97C91
BZY97C82
BZY97C75
BZY97C68
BZY97C62
BZY97C56
BZY97C51
BZY97C47
BZY97C43
BZY97C39
BZY97C36
BZY97C33
BZY97C30
BZY97C27
BZY97C24
BZY97C22
BZY97C20
BZY97C18
BZY97C16
BZY97C15
BZY97C13
BZY97C12
BZY97C11
BZY97C10
BZY97C9.1
BZY97C8.2
BZY97C7.5
BZY97C6.8
BZY97C6.2
BZY97C5.6
BZY97C5.1
BZY97C4.7
BZY97C4.3
BZY97C3.9
BZY97C3.6
BZY97C3.3
2 of 3
ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
3.3
113.6
10
500
1.0
100
1.0
454
3.6
104.2
9.0
500
1.0
75
1.0
416
3.9
96.1
7.5
500
1.0
25
1.0
384
4.3
87.2
6.0
500
1.0
5.0
1.0
348
4.7
79.8
5.0
500
1.0
5.0
1.5
319
5.1
73.5
4.0
500
1.0
5.0
2.0
294
5.6
66.9
2.0
500
1.0
5.0
3.0
267
6.2
60.5
2.0
200
1.0
5.0
4.0
241
6.8
55.1
2.5
200
1.0
50
5.2
220
7.5
50.0
3.0
400
0.5
50
6.0
200
8.2
45.7
3.5
400
0.5
50
6.5
182
9.1
41.2
4.0
500
0.5
50
7.0
164
10
37.5
4.5
500
0.25
50
8.0
150
11
34.1
5.5
550
0.25
50
8.4
136
12
31.2
6.5
550
0.25
1.0
9.1
125
13
28.8
7.0
550
0.25
1.0
9.9
115
15
25.0
9.0
600
0.25
1.0
11.4
100
16
23.4
10
600
0.25
1.0
12.2
93
18
20.8
12
650
0.25
1.0
13.7
83
20
18.7
14
650
0.25
1.0
15.2
75
22
17.0
17.5
650
0.25
1.0
16.7
68
24
15.6
19
700
0.25
1.0
18.2
62
27
13.9
23
700
0.25
1.0
20.6
55
30
12.5
26
750
0.25
1.0
22.8
50
33
11.4
33
800
0.25
1.0
25.1
45
36
10.4
38
850
0.25
1.0
27.4
41
39
9.6
45
900
0.25
1.0
29.7
38
43
8.7
53
950
0.25
1.0
32.7
34
47
8.0
67
1000
0.25
1.0
35.8
31
51
7.3
70
1100
0.25
1.0
38.8
29
56
6.7
86
1300
0.25
1.0
42.6
26
62
6.0
100
1500
0.25
1.0
47.1
24
68
5.5
120
1700
0.25
1.0
51.7
22
75
5.0
140
2000
0.25
1.0
56.0
20
82
4.6
160
2500
0.25
1.0
62.2
18
91
4.1
200
3000
0.25
1.0
69.2
16
100
3.7
250
3100
0.25
1.0
76.0
15
110
3.4
300
4000
0.25
1.0
83.6
13
120
3.1
380
4500
0.25
1.0
91.2
12
130
2.9
450
5000
0.25
1.0
98.8
11
150
2.5
600
6000
0.25
1.0
114.0
10
160
2.3
700
6500
0.25
1.0
121.6
9.0
180
2.1
900
7000
0.25
1.0
136.8
8.0
200
1.9
1200
8000
0.25
1.0
152.0
7.0
240
1.5
1600
9000
0.25
1.0
182.4
6.0
www.sunmate.tw


Podobny numer części - BZY97C22

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Galaxy Semi-Conductor H...
BZY97C22 BILIN-BZY97C22 Datasheet
239Kb / 5P
   ZENER DIODES
logo
Shenzhen Taychipst Elec...
BZY97C22 TAYCHIPST-BZY97C22 Datasheet
3Mb / 3P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
BZY97C22 SUNMATE-BZY97C22 Datasheet
141Kb / 2P
   1.5Watts Axial leaded Zener Diodes
logo
Shenzhen Luguang Electr...
BZY97C22 LUGUANG-BZY97C22 Datasheet
2Mb / 5P
   Zener Diodes
logo
List of Unclassifed Man...
BZY97C22GP ETC1-BZY97C22GP Datasheet
74Kb / 5P
   1.5 W Zener Diodes
More results

Podobny opis - BZY97C22

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SUNMATE electronic Co.,...
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
BZX79C2V4 SUNMATE-BZX79C2V4 Datasheet
328Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
P100A SUNMATE-P100A Datasheet
358Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
ZY3.6S SUNMATE-ZY3.6S Datasheet
263Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5L SUNMATE-2EZ3.6D5L Datasheet
252Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
BZW03C6V8 SUNMATE-BZW03C6V8 Datasheet
395Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
3EZ3.9D5L SUNMATE-3EZ3.9D5L Datasheet
389Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
BZX85C2V4 SUNMATE-BZX85C2V4 Datasheet
364Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
MZ4728A SUNMATE-MZ4728A Datasheet
454Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com