Zakładka z wyszukiwarką danych komponentów |
|
TL16C2550-Q1 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
TL16C2550-Q1 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 38 page 14 15 RESET DTRB DTRA RTSA OPA RXRDYA INTA INTB A0 A1 A2 NC 36 35 34 33 32 31 30 29 28 27 26 25 16 1 2 3 4 5 6 7 8 9 10 1 1 12 D5 D6 D7 RXB RXA TXRDYB TXA TXB OPB CSA CSB NC 17 18 19 20 PFB PACKAGE (TOP VIEW) 47 46 45 44 43 48 42 40 39 38 41 21 22 23 24 37 13 TL16C2550PFB TL16C2550-Q1 SLWS232 – DECEMBER 2011 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. DESCRIPTION (CONTINUED) Each ACE is a speed and voltage range upgrade of the TL16C550C, which in turn is a functional upgrade of the TL16C450. Functionally equivalent to the TL16C450 on power up or reset (single character or TL16C450 mode), each ACE can be placed in an alternate FIFO mode. This relieves the CPU of excessive software overhead by buffering received and to be transmitted characters. Each receiver and transmitter store up to 16 bytes in their respective FIFOs, with the receive FIFO including three additional bits per byte for error status. In the FIFO mode, a selectable autoflow control feature can significantly reduce software overload and increase system efficiency by automatically controlling serial data flow using handshakes between the RTS output and CTS input, thus eliminating overruns in the receive FIFO. Each ACE performs serial-to-parallel conversions on data received from a peripheral device or modem and stores the parallel data in its receive buffer or FIFO, and each ACE performs parallel-to-serial conversions on data sent from its CPU after storing the parallel data in its transmit buffer or FIFO. The CPU can read the status of either ACE at any time. Each ACE includes complete modem control capability and a processor interrupt system that can be tailored to the application. Each ACE includes a programmable baud rate generator capable of dividing a reference clock with divisors from 1 to 65535, thus producing a 16 × internal reference clock for the transmitter and receiver logic. Each ACE accommodates up to a 1.5-Mbaud serial data rate (24-MHz input clock). As a reference point, that speed would generate a 667-ns bit time and a 6.7- µs character time (for 8,N,1 serial data), with the internal clock running at 24 MHz. Each ACE has a TXRDY and RXRDY output that can be used to interface to a DMA controller. NC - No internal connection 2 Submit Documentation Feedback Copyright © 2011, Texas Instruments Incorporated Product Folder Link(s) :TL16C2550-Q1 |
Podobny numer części - TL16C2550-Q1 |
|
Podobny opis - TL16C2550-Q1 |