Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ21701SILR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części LMZ21701SILR
Szczegółowy opis  LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ21701SILR Arkusz danych(HTML) 1 Page - Texas Instruments

  LMZ21701SILR Datasheet HTML 1Page - Texas Instruments LMZ21701SILR Datasheet HTML 2Page - Texas Instruments LMZ21701SILR Datasheet HTML 3Page - Texas Instruments LMZ21701SILR Datasheet HTML 4Page - Texas Instruments LMZ21701SILR Datasheet HTML 5Page - Texas Instruments LMZ21701SILR Datasheet HTML 6Page - Texas Instruments LMZ21701SILR Datasheet HTML 7Page - Texas Instruments LMZ21701SILR Datasheet HTML 8Page - Texas Instruments LMZ21701SILR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Output Current (A)
0.0001
0.001
0.01
0.1
1
0
10
20
30
40
50
60
70
80
90
100
D023
VOUT = 1.2 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
VOUT = 5 V
VIN
EN
GND
SS
LMZ21701
CIN
CSS
VOUT
PG
FB
VOS
COUT
RFBT
RFBB
VIN
VOUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ21701
SNVS853D – AUGUST 2012 – REVISED NOVEMBER 2014
LMZ21701 1 A SIMPLE SWITCHER® Nano Module with 17 V Maximum Input Voltage
1 Features
2 Applications
1
Integrated Inductor
Point of Load Conversions from
3.3 V, 5 V, or 12 V Input Voltage
Miniature 3.5 mm x 3.5 mm x 1.75 mm Package
Space Constrained Applications
35 mm² Solution Size (Single Sided)
LDO Replacement
-40 °C to 125 °C Junction Temperature Range
Adjustable Output Voltage
3 Description
Integrated Compensation
The LMZ21701 SIMPLE SWITCHER® Nano Module
Adjustable Soft Start Function
is an easy-to-use step-down DC-DC solution capable
Starts into Pre-Biased Loads
of driving up to 1000 mA load in space-constrained
applications. Only an input capacitor, an output
Power Good and Enable Pins
capacitor, a softstart capacitor, and two resistors are
Seamless Transition to Power-Save Mode
required for basic operation.
Up to 1000 mA Output Current
Quick links to typical applications: VOUT = 1.2 V, VOUT
Input Voltage Range 3 V to 17 V
= 1.8 V, VOUT = 2.5 V, VOUT = 3.3 V, VOUT = 5.0 V
Output Voltage Range 0.9 V to 6 V
Device Information(1)
Efficiency up to 95 %
PART NUMBER
PACKAGE
BODY SIZE (NOM)
1.5 µA Shutdown Current
LMZ21701SILT
SIL0008E
3.5 mm x 3.5 mm
17 µA Quiescent Current
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic
Efficiency for VIN = 12 V
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - LMZ21701SILR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
More results

Podobny opis - LMZ21701SILR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ21700 TI-LMZ21700_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21700 TI1-LMZ21700 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com