Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ31530 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części LMZ31530
Szczegółowy opis  30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31530 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LMZ31530 Datasheet HTML 6Page - Texas Instruments LMZ31530 Datasheet HTML 7Page - Texas Instruments LMZ31530 Datasheet HTML 8Page - Texas Instruments LMZ31530 Datasheet HTML 9Page - Texas Instruments LMZ31530 Datasheet HTML 10Page - Texas Instruments LMZ31530 Datasheet HTML 11Page - Texas Instruments LMZ31530 Datasheet HTML 12Page - Texas Instruments LMZ31530 Datasheet HTML 13Page - Texas Instruments LMZ31530 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
Output Current (A)
Vo = 0.6V, fsw = 500kHz
Vo = 1.2V, fsw = 500kHz
Vo = 1.8V, fsw = 500kHz
Vo = 3.3V, fsw = 500kHz
C001
Airflow = 100 LFM
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
Output Current (A)
9R”9IVZ N+]
Vo = 1.8V, fsw = 500kHz
Vo = 3.3V, fsw = 500kHz
C001
Airflow = 200 LFM
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
5
10
15
20
25
30
Output Current (A)
Vo = 3.3V, fsw = 500kHz
Vo = 1.8V, fsw = 500kHz
Vo = 1.2V, fsw = 500kHz
Vo = 0.9V, fsw = 500kHz
Vo = 0.6V, fsw = 500kHz
C004
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
Output Current (A)
Vo = 0.6V, fsw = 500kHz
Vo = 1.2V, fsw = 500kHz
Vo = 1.8V, fsw = 500kHz
Vo = 3.3V, fsw = 500kHz
C001
Airflow = 0 LFM
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
Output Current (A)
Vo = 3.3V, fsw = 500kHz
Vo = 1.8V, fsw = 500kHz
Vo = 1.2V, fsw = 500kHz
Vo = 0.9V, fsw = 500kHz
Vo = 0.6V, fsw = 500kHz
C001
5
15
25
35
45
0
5
10
15
20
25
30
Output Current (A)
Vo = 3.3V, fsw = 500kHz
Vo = 1.8V, fsw = 500kHz
Vo = 1.2V, fsw = 500kHz
Vo = 0.9V, fsw = 500kHz
Vo = 0.6V, fsw = 500kHz
C004
LMZ31530
SLVSBC7B – OCTOBER 2013 – REVISED DECEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (PVIN = VIN = 5 V) (1) (2)
Figure 7. Efficiency vs. Output Current
Figure 8. Voltage Ripple vs. Output Current
Figure 9. Power Dissipation vs. Output Current
Figure 10. Safe Operating Area (0 LFM)
Figure 11. Safe Operating Area (100 LFM)
Figure 12. Safe Operating Area (200 LFM)
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 7, Figure 8, and Figure 9.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm six-layer PCB with 1 oz. copper.
Applies to Figure 10, Figure 11, and Figure 12.
10
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ31530


Podobny numer części - LMZ31530

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ31530 TI-LMZ31530_15 Datasheet
1Mb / 32P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
More results

Podobny opis - LMZ31530

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ31530 TI-LMZ31530_15 Datasheet
1Mb / 32P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com