Zakładka z wyszukiwarką danych komponentów |
|
BU15-1430R7BL Arkusz danych(PDF) 4 Page - Coilcraft lnc. |
|
BU15-1430R7BL Arkusz danych(HTML) 4 Page - Coilcraft lnc. |
4 / 6 page US UK Taiwan China Singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-europe.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg © Coilcraft Inc. 2013 This product may not be used in medical or high risk applications without prior Coilcraft approval. Specification subject to change without notice. Please check web site for latest information. Document 260-4 Document 260-4 Revised 08/06/13 Common Mode Chokes - BU10 Series Frequency range Inductance2 Inductance difference Impedance max @ 75% of DCR1 Current L1,L2 L1 - L2 Part number (kOhms) impedance max (Ohms) max (Aac) min (mH) max (µH) BU10-1811R2BL 3.9 @ 1.8 MHz 1000 – 3200 kHz 0.20 1.20 0.18 30 BU10-1311R6BL 2.2 @ 2.2 MHz 800 – 2000 kHz 0.12 1.60 0.13 20 BU10-1012R2BL 1.6 @ 3.1 MHz 1300 – 8900 kHz 0.08 2.20 0.10 15 BU10-6003R0BL 1.0 @ 3.0 MHz 800 – 10000 kHz 0.04 3.00 0.06 10 Typical Attenuation Typical Impedance 0.75 19,0 max 0.51 ±0.02 13,0 ±0,5 0.177 ±0.04 4,5 ±1,0 0.394 ±0.02 10,0 ±0,5 max 0.89 22,5 max 0.67 17,0 0.028 0,7 3 3 2 2 2 4 4 4 1 1 1 1 2 1 3 4 Dot indicates pin 1 0.394 ±0.02 10,0 ±0,5 0.047 1,2 0.51 ±0.02 13,0 ±0,5 Recommended Board Layout 1. DCR is per winding 2. Inductance tested at 1 kHz, 1Vrms, 0 Adc on an Agilent/HP 4284A LCR-meter or equivalent. 3. 1000Vrms typical isolation between windings. 4. Electrical specifications at 25°C. |
Podobny numer części - BU15-1430R7BL |
|
Podobny opis - BU15-1430R7BL |