Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UA747CD Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części UA747CD
Szczegółowy opis  DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UA747CD Arkusz danych(HTML) 3 Page - Texas Instruments

  UA747CD Datasheet HTML 1Page - Texas Instruments UA747CD Datasheet HTML 2Page - Texas Instruments UA747CD Datasheet HTML 3Page - Texas Instruments UA747CD Datasheet HTML 4Page - Texas Instruments UA747CD Datasheet HTML 5Page - Texas Instruments UA747CD Datasheet HTML 6Page - Texas Instruments UA747CD Datasheet HTML 7Page - Texas Instruments UA747CD Datasheet HTML 8Page - Texas Instruments UA747CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
uA747C, uA747M
DUAL GENERALPURPOSE OPERATIONAL AMPLIFIERS
SLOS009A − D971, FEBRUARY 1971 − REVISED OCTOBER 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
3
electrical characteristics at specified free-air temperature, VCC± = ±15 V
PARAMETER
TEST CONDITIONS†
TA‡
uA747C
uA747M
UNIT
PARAMETER
TEST CONDITIONS†
TA‡
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 0
25
°C
1
6
1
5
mV
VIO
Input offset voltage
VO = 0
Full range
7.5
6
mV
∆VIO(adj)
Offset voltage
adjust range
25
°C
±15
±15
mV
IIO
Input offset current
25
°C
20
200
20
200
nA
IIO
Input offset current
Full range
300
500
nA
IIB
Input bias current
25
°C
80
500
80
500
nA
IIB
Input bias current
Full range
800
1500
nA
VICR
Common-mode
25
°C
±12
±13
±12
±13
V
VICR
input voltage range
Full range
±12
±12
V
RL= 10 kΩ
25
°C
24
28
24
28
VO(PP)
Maximum peak-to-peak
RL ≥ 10 kΩ
Full range
24
24
V
VO(PP)
output voltage swing
RL= 2 kΩ
25
°C
20
26
20
26
V
RL ≥ 2 kΩ
Full range
20
20
AVD
Large-signal differential
RL ≥ 2 kΩ,
25
°C
25
200
50
200
V/mV
AVD
voltage amplification
VO = ± 10 V
Full range
15
25
V/mV
ri
Input resistance
25
°C
0.3
2
0.3*
2
M
ro
Output resistance
See Note 5
25
°C
75
75
Ci
Input capacitance
25
°C
1.4
1.4
pF
CMRR
Common-mode
VIC = VICR
25
°C
70
90
70
90
dB
CMRR
Common-mode
rejection ratio
VIC = VICR
Full range
70
70
dB
kSVS
Supply-voltage
sensitivity
VCC = ± 9 V to ± 15 V
25
°C
30
150
30
150
µV/V
kSVS
sensitivity
(
∆VIO / ∆VCC)
VCC = ± 9 V to ± 15 V
25 C
Full range
150
150
µV/V
IOS
Short-circuit
output current
25
°C
±25
±40
±25
±40
mA
ICC
Supply current
No load
25
°C
1.7
2.8
1.7
2.8
mA
ICC
Supply current
(each amplifier)
No load
Full range
3.3
3.3
mA
PD
Power dissipation
No load,
VO = 0
25
°C
50
85
50
85
mW
PD
Power dissipation
(each amplifier)
No load,
VO = 0
Full range
100
100
mW
Vo1/Vo2
Channel separation
25
°C
120
120
0
dB
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified.
‡ Full range for uA747C is 0°C to 70°C and for uA747M is −55°C to 125°C.
*On products compliant to MIL-STD-883, Class B, this parameter is not production tested.
NOTE 5: This typical value applies only at frequencies above a few hundred hertz because of the effects of drift and thermal feedback.
operating characteristics, VCC ± = ± 15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time
VI = 20 mV, RL = 2 kΩ, CL = 100 pF, See Figure 1
0.3
µs
Overshoot factor
VI = 20 mV, RL = 2 kΩ, CL = 100 pF, See Figure 1
5%
SR
Slew rate at unity gain
VI = 10 mV, RL = 2 kΩ, CL = 100 pF, See Figure 1
0.5
V/
µs


Podobny numer części - UA747CD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA747CD TI-UA747CD Datasheet
112Kb / 8P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA747CDR TI-UA747CDR Datasheet
112Kb / 8P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Podobny opis - UA747CD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI1-MC1458_14 Datasheet
777Kb / 18P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PC251 ETC-PC251 Datasheet
106Kb / 2P
   General Purpose Dual Operational Amplifiers
logo
Avic Technology
AV4558 AVICTEK-AV4558 Datasheet
194Kb / 5P
   Dual general purpose operational Amplifiers.
logo
TEXAS ADVANCED OPTOELEC...
UA747C TAOS-UA747C Datasheet
114Kb / 8P
   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
UPC251 ETC-UPC251 Datasheet
778Kb / 4P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
UA747 TI-UA747 Datasheet
112Kb / 8P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458_06 Datasheet
296Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL082 STMICROELECTRONICS-TL082_08 Datasheet
337Kb / 17P
   General purpose JFET dual operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com