Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1705 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części UC1705
Szczegółowy opis  HIGH SPEED POWER DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC1705 Arkusz danych(HTML) 4 Page - Texas Instruments

  UC1705_15 Datasheet HTML 1Page - Texas Instruments UC1705_15 Datasheet HTML 2Page - Texas Instruments UC1705_15 Datasheet HTML 3Page - Texas Instruments UC1705_15 Datasheet HTML 4Page - Texas Instruments UC1705_15 Datasheet HTML 5Page - Texas Instruments UC1705_15 Datasheet HTML 6Page - Texas Instruments UC1705_15 Datasheet HTML 7Page - Texas Instruments UC1705_15 Datasheet HTML 8Page - Texas Instruments UC1705_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
UC1705
UC2705, UC3705
SLUS370D – JULY 1995 – REVISED MARCH 2012
www.ti.com
TYPICAL SWITCHING CHARACTERISTICS
VIN = VC = 20 V, TA = 25°C. Delays measured to 10% output change.
PARAMETER
TEST CONDITIONS
OUTPUT CL =
UNIT
From Inv. Input to Output
open
1
2.2
nF
Rise time delay
60
60
60
ns
10% to 90% rise
20
40
60
ns
Fall time delay
60
60
60
ns
90% to 10% fall
25
40
50
ns
From N.I. Input to Output
Rise time delay
90
90
90
ns
10% to 90% rise
20
40
60
ns
Fall time delay
60
60
60
ns
90% to 10% fall
25
40
50
ns
VC cross-conduction current spike duration Output rise
25
ns
Output fall
0
ns
4
Submit Documentation Feedback
Copyright © 1995–2012, Texas Instruments Incorporated
Product Folder Link(s): UC1705 UC2705 UC3705


Podobny numer części - UC1705_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1705D TI-UC1705D Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
UC1705J TI-UC1705J Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
UC1705J883B TI-UC1705J883B Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
UC1705L883B TI-UC1705L883B Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
UC1705N TI-UC1705N Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
More results

Podobny opis - UC1705_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1705 TI-UC1705 Datasheet
298Kb / 11P
[Old version datasheet]   High Speed Power Driver
logo
ATMEL Corporation
ATA6821 ATMEL-ATA6821 Datasheet
177Kb / 13P
   High Speed Power Driver IC
ATA6821 ATMEL-ATA6821_05 Datasheet
237Kb / 14P
   High Speed Power Driver IC
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
SC1205H SEMTECH-SC1205H Datasheet
228Kb / 13P
   high speed syncronous power mosfet driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
National Semiconductor ...
CLC418 NSC-CLC418 Datasheet
280Kb / 12P
   Dual High-Speed, Low-Power Line Driver
logo
Microchip Technology
MCP1415 MICROCHIP-MCP1415_10 Datasheet
488Kb / 22P
   Tiny 1.5A, High-Speed Power MOSFET Driver
2010
logo
Semtech Corporation
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com