Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1848 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części UC1848
Szczegółowy opis  Average Current Mode PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC1848 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button UC1848_14 Datasheet HTML 5Page - Texas Instruments UC1848_14 Datasheet HTML 6Page - Texas Instruments UC1848_14 Datasheet HTML 7Page - Texas Instruments UC1848_14 Datasheet HTML 8Page - Texas Instruments UC1848_14 Datasheet HTML 9Page - Texas Instruments UC1848_14 Datasheet HTML 10Page - Texas Instruments UC1848_14 Datasheet HTML 11Page - Texas Instruments UC1848_14 Datasheet HTML 12Page - Texas Instruments UC1848_14 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Oct-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
UC1848J
OBSOLETE
CDIP
J
16
TBD
Call TI
Call TI
-55 to 125
UC2848J
OBSOLETE
CDIP
J
16
TBD
Call TI
Call TI
-40 to 85
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Podobny numer części - UC1848_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
More results

Podobny opis - UC1848_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC3886N TI1-UC3886N Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC1886 TI-UC1886 Datasheet
292Kb / 8P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886 TI1-UC2886_14 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com