Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1904 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części UC1904
Szczegółowy opis  Precision Quad Supply and Line Monitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC1904 Arkusz danych(HTML) 1 Page - Texas Instruments

  UC1904 Datasheet HTML 1Page - Texas Instruments UC1904 Datasheet HTML 2Page - Texas Instruments UC1904 Datasheet HTML 3Page - Texas Instruments UC1904 Datasheet HTML 4Page - Texas Instruments UC1904 Datasheet HTML 5Page - Texas Instruments UC1904 Datasheet HTML 6Page - Texas Instruments UC1904 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BLOCK DIAGRAM
Note: Pin Numbers refer to J, N, and DW Packages.
4/97
The UC1904 Quad Supply Monitor will respond to under- and over-volt-
age conditions on up to four continuously monitored voltage levels. Four
independent positive voltages can be monitored or, alternatively, two of
the sense inputs are preset to monitor -5V and -12V supplies. The de-
vice also monitors Over-Current and Line Sense inputs, both with preci-
sion input thresholds.
Four open collector outputs on the UC1904 give the following re-
sponses: 1. The OV/OC output is a latched over-voltage, or over-current
response. 2. A Power Good signal responds low with any fault detection
– on power-up a programmable delay is used to hold this output low for
a system Power On Reset signal. 3. The PWRW output responds only to
a Line Sense input, for early warning of power failures. 4. The last open
collector, the ON/OFF output, generates a delayed supply OFF control
signal in response to an OFF input command, under-voltage condition,
or line fault detection.
The OV-UV fault window is adjustable with a programming input. The
thresholds are centered around the precision 2.5V reference, with a
scaled hysteresis for precise, glitch free operation. In the positive mode
of operation, the fault windows at each of the sense inputs can be inde-
pendently scaled using external resistors and the 2.5V reference output.
An Auto Restart function couples with the under-voltage and line sens-
ing circuits to allow controlled power supply start-up and shutdown.
This device will operate over a supply range of 4.75V to 18V. The device
is available in a DIP, SOIC, or PLCC outline. This device is ESD pro-
tected on all pins.
Inputs for Monitoring Up to Four
Supply Voltages
Two Inputs Preset for -5V and -12V
Monitoring, or Programmable
Positive Levels
Precision 2.5V Reference
Separate Inputs for Over-Current and
Line Fault Sensing
Adjustable Under- to Over-Voltage
Fault Windows
Latched Over-Voltage and
Over-Current Output
Power Good and Power Warning
Outputs
Auto Restart Function with ON/OFF
Control, and Programmable Delay
Programmable Pwr On Reset Delay
UC1904
UC2904
UC3904
Precision Quad Supply and Line Monitor
FEATURES
DESCRIPTION


Podobny numer części - UC1904

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
More results

Podobny opis - UC1904

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1903J TI1-UC1903J Datasheet
808Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI-UC1903 Datasheet
477Kb / 8P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI1-UC1903_16 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Linear Technology
LTC2903-1 LINER-LTC2903-1 Datasheet
187Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903CS6-D1 LINER-LTC2903CS6-D1 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com