Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5820 Arkusz danych(PDF) 1 Page - Diode Semiconductor Korea

Numer części SM5820
Szczegółowy opis  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DSK [Diode Semiconductor Korea]
Strona internetowa  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SM5820 Arkusz danych(HTML) 1 Page - Diode Semiconductor Korea

  SM5820 Datasheet HTML 1Page - Diode Semiconductor Korea SM5820 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6.9± 0.25
1.
3± 0. 25
7.8± 0. 2
0.25± 0.06
FEATURES
Metal-Semiconductor junction with guard ring
Epitaxial construction
Low forward voltage drop,low switching losses
High surge capability
MECHANICAL DATA
Case:JEDEC
SMC,molded plastic
Terminals:
Solderable per
MIL- STD-202,
method 208
Polarity: Color band denotes cathode
Weight: 0.
007 ounces,0.21 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
@T
L=90
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage @ 3.0A
(Note 1)
@ 9.4A
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=100
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
SM5820---SM5822
A
For use in low voltage,high frequency inverters free
xxxx wheeling,and polarity protection applications
IF(AV)
VOLTAGE RANGE: 20 --- 40 V
CURRENT: 3.0 A
SMC(DO-214AB)
The plastic material carries U/L recognition 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SM5820
3.Thermal resistance junction to ambient
mA
IR
IFSM
NOTE: 1. Pulse test : 300 s pulse width,1% duty cy cle.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
20
- 55 ---- + 125
- 55 ---- + 150
80.0
250
3.0
20.0
2.0
40
0.525
0.95
0.50
VF
V
0.90
0.475
0.85
SM5821
SM5822
40
28
30
21
30
20
14
20
SCHOTTKY BARRIER RECTIFIERS
SURFACE MOUNT
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Podobny numer części - SM5820

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Luguang Electr...
SM5820 LUGUANG-SM5820 Datasheet
199Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
SM5820 HORNBY-SM5820 Datasheet
337Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Silicon Mitus, Inc.
SM5820 SILICONMITUS-SM5820 Datasheet
792Kb / 2P
   High Accuracy Programmable Buck Converter with Protection
May 2021 Rev.0.0.3
logo
Bytes
SM5820B BYTES-SM5820B Datasheet
151Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SM5820B UNIOHM-SM5820B Datasheet
65Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SM5820

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com