Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST16C450IP40 Arkusz danych(PDF) 6 Page - Exar Corporation

Numer części ST16C450IP40
Szczegółowy opis  UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C450IP40 Arkusz danych(HTML) 6 Page - Exar Corporation

Back Button ST16C450IP40 Datasheet HTML 2Page - Exar Corporation ST16C450IP40 Datasheet HTML 3Page - Exar Corporation ST16C450IP40 Datasheet HTML 4Page - Exar Corporation ST16C450IP40 Datasheet HTML 5Page - Exar Corporation ST16C450IP40 Datasheet HTML 6Page - Exar Corporation ST16C450IP40 Datasheet HTML 7Page - Exar Corporation ST16C450IP40 Datasheet HTML 8Page - Exar Corporation ST16C450IP40 Datasheet HTML 9Page - Exar Corporation ST16C450IP40 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ST16C450
6
Rev. 4.20
-OP2
31
35
31
O
Output-2 (User Defined). This pin provides the user a general
purpose output. See bit-3 modem control register (MCR bit-
3).
VCC
40
44
42
Pwr
Power Supply Input.
XTAL1
16
18
14
I
Crystal or External Clock Input - Functions as a crystal input
or as an external clock input. A crystal can be connected
between this pin and XTAL2 to form an internal oscillator
circuit. An external 1 MW resistor is required between the
XTAL1 and XTAL2 pins (see figure 3). Alternatively, an
external clock can be connected to this pin to provide
custom data rates (Programming Baud Rate Generator
section).
XTAL2
17
19
15
O
Output of the Crystal Oscillator or Buffered Clock - (See also
XTAL1). Crystal oscillator output or buffered clock output.
-CD
38
42
40
I
Carrier Detect (active low) - A logic 0 on this pin indicates
that a carrier has been detected by the modem.
-CTS
36
40
38
I
Clear to Send (active low) - A logic 0 on the -CTS pin
indicates the modem or data set is ready to accept transmit
data from the ST16C450. Status can be tested by reading
MSR bit-4. This pin has no effect on the UART’s transmit or
receive operation.
-DSR
37
41
39
I
Data Set Ready (active low) - A logic 0 on this pin indicates
the modem or data set is powered-on and is ready for data
exchange with the UART. This pin has no effect on the
UART’s transmit or receive operation.
-DTR
33
37
33
O
Data Terminal Ready (active low) - A logic 0 on this pin
indicates that the ST16C450 is powered-on and ready. This
pin can be controlled via the modem control register.
Writing a logic 1 to MCR bit-0 will set the -DTR output to
logic 0, enabling the modem. This pin will be a logic 1 after
writing a logic 0 to MCR bit-0, or after a reset. This pin has
no effect on the UART’s transmit or receive operation.
SYMBOL DESCRIPTION
Symbol
Pin
Signal
Pin Description
40
44
48
type


Podobny numer części - ST16C450IP40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452 EXAR-ST16C452 Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452CJ68 EXAR-ST16C452CJ68 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452CJ68 EXAR-ST16C452CJ68 Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452CJ68PS EXAR-ST16C452CJ68PS Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
More results

Podobny opis - ST16C450IP40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
NXP Semiconductors
SCC2691 PHILIPS-SCC2691 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
logo
Exar Corporation
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Intersil Corporation
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Intersil Corporation
HD-6402 INTERSIL-HD-6402 Datasheet
92Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
March 1997
HD-6402883 INTERSIL-HD-6402883 Datasheet
149Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com