Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF1002 Arkusz danych(PDF) 2 Page - SUNMATE electronic Co., LTD

Numer części UF1002
Szczegółowy opis  ULTRAFAST GLASS PASSIVATED RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNMATE [SUNMATE electronic Co., LTD]
Strona internetowa  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

UF1002 Arkusz danych(HTML) 2 Page - SUNMATE electronic Co., LTD

  UF1002 Datasheet HTML 1Page - SUNMATE electronic Co., LTD UF1002 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
30
60
90
0
120
150
180
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3 ms single half-sine-wave
JEDEC method
10
100
400
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
0.1
1.0
10
100
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
Pulse width = 300 s
2% duty cycle
µ
2 of 2
www.sunmate.tw
UF1000 - UF1002
UF1003 - UF1004
UF1006 - UF1008
UF1000 - UF1004
UF1006 - UF1008


Podobny numer części - UF1002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
UF1002 PANJIT-UF1002 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF1002 PANJIT-UF1002 Datasheet
86Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
UF1002 WTE-UF1002 Datasheet
44Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
UF1002 TAYCHIPST-UF1002 Datasheet
2Mb / 2P
   ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
UF1002 DIODES-UF1002 Datasheet
62Kb / 2P
   1.0A ULTRA-FAST RECTIFIER
DS25002 Rev. D1-2
More results

Podobny opis - UF1002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SUNMATE electronic Co.,...
FGP30B SUNMATE-FGP30B Datasheet
319Kb / 2P
   GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
FGP10B SUNMATE-FGP10B Datasheet
338Kb / 2P
   GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
FGP20B SUNMATE-FGP20B Datasheet
364Kb / 2P
   GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
HER601G SUNMATE-HER601G Datasheet
342Kb / 2P
   GLASS PASSIVATED ULTRAFAST DIODES
HER101G SUNMATE-HER101G Datasheet
382Kb / 2P
   GLASS PASSIVATED ULTRAFAST DIODES
HER301G SUNMATE-HER301G Datasheet
380Kb / 2P
   GLASS PASSIVATED ULTRAFAST DIODES
HER501G SUNMATE-HER501G Datasheet
282Kb / 2P
   GLASS PASSIVATED ULTRAFAST DIODES
BYM12-50 SUNMATE-BYM12-50 Datasheet
332Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
EGL41A SUNMATE-EGL41A Datasheet
425Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER DIODES
logo
Vishay Siliconix
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com