Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM320F2812 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części SM320F2812
Szczegółowy opis  Digital Signal Processors
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SM320F2812 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SM320F2812 Datasheet HTML 6Page - Texas Instruments SM320F2812 Datasheet HTML 7Page - Texas Instruments SM320F2812 Datasheet HTML 8Page - Texas Instruments SM320F2812 Datasheet HTML 9Page - Texas Instruments SM320F2812 Datasheet HTML 10Page - Texas Instruments SM320F2812 Datasheet HTML 11Page - Texas Instruments SM320F2812 Datasheet HTML 12Page - Texas Instruments SM320F2812 Datasheet HTML 13Page - Texas Instruments SM320F2812 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 172 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174T – APRIL 2001 – REVISED MAY 2012
www.ti.com
Digital Signal Processors
Check for Samples: TMS320F2810, TMS320F2811, TMS320F2812, TMS320C2810, TMS320C2811, TMS320C2812
1
TMS320F281x, TMS320C281x DSPs
1.1
Features
1234
• High-Performance Static CMOS Technology
• Clock and System Control
– 150 MHz (6.67-ns Cycle Time)
– Dynamic PLL Ratio Changes Supported
– Low-Power (1.8-V Core at 135 MHz,
– On-Chip Oscillator
1.9-V Core at 150 MHz, 3.3-V I/O) Design
– Watchdog Timer Module
• JTAG Boundary Scan Support (1)
• Three External Interrupts
• High-Performance 32-Bit CPU ( TMS320C28x™)
• Peripheral Interrupt Expansion (PIE) Block That
– 16 x 16 and 32 x 32 MAC Operations
Supports 45 Peripheral Interrupts
– 16 x 16 Dual MAC
• Three 32-Bit CPU-Timers
– Harvard Bus Architecture
• 128-Bit Security Key/Lock
– Atomic Operations
– Protects Flash/ROM/OTP and L0/L1 SARAM
– Fast Interrupt Response and Processing
– Prevents Firmware Reverse-Engineering
– Unified Memory Programming Model
• Motor Control Peripherals
– 4M Linear Program/Data Address Reach
– Two Event Managers (EVA, EVB)
– Code-Efficient (in C/C++ and Assembly)
– Compatible to 240xA Devices
– TMS320F24x/LF240x Processor Source Code
• Serial Port Peripherals
Compatible
– Serial Peripheral Interface (SPI)
• On-Chip Memory
– Two Serial Communications Interfaces
– Flash Devices: Up to 128K x 16 Flash
(SCIs), Standard UART
(Four 8K x 16 and Six 16K x 16 Sectors)
– Enhanced Controller Area Network (eCAN)
– ROM Devices: Up to 128K x 16 ROM
– Multichannel Buffered Serial Port (McBSP)
– 1K x 16 OTP ROM
• 12-Bit ADC, 16 Channels
– L0 and L1: 2 Blocks of 4K x 16 Each Single-
– 2 x 8 Channel Input Multiplexer
Access RAM (SARAM)
– Two Sample-and-Hold
– H0: 1 Block of 8K x 16 SARAM
– Single/Simultaneous Conversions
– M0 and M1: 2 Blocks of 1K x 16 Each
– Fast Conversion Rate: 80 ns/12.5 MSPS
SARAM
• Up to 56 General-Purpose I/O (GPIO) Pins
• Boot ROM (4K x 16)
• Advanced Emulation Features
– With Software Boot Modes
– Analysis and Breakpoint Functions
– Standard Math Tables
– Real-Time Debug via Hardware
• External Interface (2812)
• Development Tools Include
– Over 1M x 16 Total Memory
– ANSI C/C++ Compiler/Assembler/Linker
– Programmable Wait States
– Code Composer Studio™ IDE
– Programmable Read/Write Strobe Timing
– DSP/BIOS™
– Three Individual Chip Selects
– JTAG Scan Controllers(1)
• Endianness: Little Endian
• Low-Power Modes and Power Savings
– IDLE, STANDBY, HALT Modes Supported
– Disable Individual Peripheral Clocks
(1)
IEEE Standard 1149.1-1990 IEEE Standard Test Access Port
and Boundary-Scan Architecture
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MicroStar BGA, TMS320C28x, Code Composer Studio, DSP/BIOS, C28x, TMS320C2000, TI, TMS320C54x, TMS320C55x,
TMS320 are trademarks of Texas Instruments.
3
eZdsp is a trademark of Spectrum Digital Incorporated.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2001–2012, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Podobny numer części - SM320F2812

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM320F2812 TI-SM320F2812 Datasheet
1Mb / 138P
[Old version datasheet]   Digital Signal Processors
SM320F2812 TI1-SM320F2812 Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
SM320F2812 TI-SM320F2812 Datasheet
2Mb / 173P
[Old version datasheet]   TMS320F281x Digital Signal Processors
SM320F2812 TI-SM320F2812 Datasheet
4Mb / 175P
[Old version datasheet]   TMS320F281x Digital Signal Processors
SM320F2812-EP TI-SM320F2812-EP Datasheet
2Mb / 159P
[Old version datasheet]   Digital Signal Processors
More results

Podobny opis - SM320F2812

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com