Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX232ECDWRE4 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części MAX232ECDWRE4
Szczegółowy opis  Dual RS-232 Driver and Receiver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

MAX232ECDWRE4 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button MAX232ECDWRE4 Datasheet HTML 5Page - Texas Instruments MAX232ECDWRE4 Datasheet HTML 6Page - Texas Instruments MAX232ECDWRE4 Datasheet HTML 7Page - Texas Instruments MAX232ECDWRE4 Datasheet HTML 8Page - Texas Instruments MAX232ECDWRE4 Datasheet HTML 9Page - Texas Instruments MAX232ECDWRE4 Datasheet HTML 10Page - Texas Instruments MAX232ECDWRE4 Datasheet HTML 11Page - Texas Instruments MAX232ECDWRE4 Datasheet HTML 12Page - Texas Instruments MAX232ECDWRE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
RX
TX
POWER
5 V
DIN
ROUT
DOUT
RS-232
RIN
RS-232
2
2
250 kb/s
IEC61000-4-2
2
2
Copyright © 2016, Texas Instruments Incorporated
9
MAX232E
www.ti.com
SLLS723C – APRIL 2006 – REVISED AUGUST 2016
Product Folder Links: MAX232E
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The MAX232E device is a dual driver and receiver that includes a capacitive voltage generator using four
capacitors to supply TIA/EIA-232-F voltage levels from a single 5-V supply. All RS-232 pins have 15-kV HBM
and IEC61000-4-2 Air-Gap discharge protection. RS-232 pins also have 8-kV IEC61000-4-2 contact discharge
protection. Each receiver converts TIA/EIA-232-F inputs to 5-V TTL/CMOS levels. These receivers have shorted
and open fail safe. The receiver can accept up to ±30-V inputs and decode inputs as low as ±3 V. Each driver
converts TTL/CMOS input levels into TIA/EIA-232-F levels. Outputs are protected against shorts to ground.
8.2 Functional Block Diagram
Figure 8. Logic Diagram (Positive Logic)
8.3 Feature Description
8.3.1 Power
The power block increases and inverts the 5-V supply for the RS-232 driver using a charge pump that requires
four 1-µF external capacitors.
8.3.2 RS-232 Driver
Two drivers interface standard logic level to RS-232 levels. Internal pullup resistors on DIN inputs ensures a high
input when the line is high impedance.
8.3.3 RS-232 Receiver
Two receivers interface RS-232 levels to standard logic levels. An open or shorted to ground input results in a
high output on ROUT.


Podobny numer części - MAX232ECDWRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MAX232ECDWR TI-MAX232ECDWR Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232ECDWR TI-MAX232ECDWR Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECDWR TI-MAX232ECDWR Datasheet
405Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECDWR TI-MAX232ECDWR Datasheet
502Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECDWRG4 TI-MAX232ECDWRG4 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
More results

Podobny opis - MAX232ECDWRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4726 NEC-UPD4726 Datasheet
88Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E_V01 Datasheet
435Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
Rev. A
logo
Dallas Semiconductor
DS232A DALLAS-DS232A Datasheet
110Kb / 10P
   Dual RS-232 Transmitter/Receiver
logo
Microchip Technology
TC232 MICROCHIP-TC232 Datasheet
52Kb / 6P
   DUAL RS-232 TRANSMITTER/RECEIVER AND POWER SUPPLY
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com