Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1458PSR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części MC1458PSR
Szczegółowy opis  DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

MC1458PSR Arkusz danych(HTML) 1 Page - Texas Instruments

  MC1458PSR Datasheet HTML 1Page - Texas Instruments MC1458PSR Datasheet HTML 2Page - Texas Instruments MC1458PSR Datasheet HTML 3Page - Texas Instruments MC1458PSR Datasheet HTML 4Page - Texas Instruments MC1458PSR Datasheet HTML 5Page - Texas Instruments MC1458PSR Datasheet HTML 6Page - Texas Instruments MC1458PSR Datasheet HTML 7Page - Texas Instruments MC1458PSR Datasheet HTML 8Page - Texas Instruments MC1458PSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MC1458, MC1558
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS069C − FEBRUARY 1971 − REVISED AUGUST 2010
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Short-Circuit Protection
D Wide Common-Mode and Differential
Voltage Ranges
D No Frequency Compensation Required
D Low Power Consumption
D No Latch-Up
D Designed to Be Interchangeable With
Motorola MC1558/MC1458 and Signetics
S5558/N5558
description/ordering information
The
MC1458
and
MC1558
are
dual
general-purpose operational amplifiers, with each
half electrically similar to the μA741, except that
offset null capability is not provided.
The high-common-mode input voltage range and
the absence of latch-up make these amplifiers
ideal for voltage-follower applications. The
devices are short-circuit protected and the
internal frequency compensation ensures stability
without external components.
ORDERING INFORMATION
TA
VIOmax
AT 25°C
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (P)
Tube
MC1458P
MC1458P
0°C to 70°C
6 mV
SOIC (D)
Tube
MC1458D
MC1458
0°C to 70°C
6 mV
SOIC (D)
Tape and reel
MC1458DR
MC1458
SOP (PS)
Tape and reel
MC1458PSR
M1458
CDIP (JG)
Tube
MC1558JG
MC1558JG
−55°C to 125°C
5 mV
CDIP (JGB)
Tube
MC1558JGB
MC1558JGB
55 C to 125 C
5 mV
LCCC (FK)
Tube
MC1558FK
MC1558FK
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Copyright © 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
VCC
VCC+
2OUT
2IN−
2IN+
(TOP VIEW)
MC1458 . . . D, P, OR PS PACKAGE
MC1558 . . . JG PACKAGE
3 2 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN−
NC
NC
1IN−
NC
1IN+
NC
MC1558 ...FK PACKAGE
NC − No internal connection
(TOP VIEW)


Podobny numer części - MC1458PSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
MC1458PSR TI-MC1458PSR Datasheet
296Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458PSRE4 TI-MC1458PSRE4 Datasheet
296Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Podobny opis - MC1458PSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PC251 ETC-PC251 Datasheet
106Kb / 2P
   General Purpose Dual Operational Amplifiers
logo
Avic Technology
AV4558 AVICTEK-AV4558 Datasheet
194Kb / 5P
   Dual general purpose operational Amplifiers.
logo
TEXAS ADVANCED OPTOELEC...
UA747C TAOS-UA747C Datasheet
114Kb / 8P
   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
UPC251 ETC-UPC251 Datasheet
778Kb / 4P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
UA747 TI-UA747 Datasheet
112Kb / 8P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA747C TI1-UA747C Datasheet
317Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458_06 Datasheet
296Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL082 STMICROELECTRONICS-TL082_08 Datasheet
337Kb / 17P
   General purpose JFET dual operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com