Zakładka z wyszukiwarką danych komponentów |
|
MC3303NE4 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
MC3303NE4 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 17 page MC3303, MC3403 QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS SLOS101C – FEBRUARY 1979 – REVISED FEBRUARY 2002 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 schematic (each amplifier) IN– IN+ VCC+ Common Bias Circuitry VCC– Output To Three Other Amplifiers 2.4 k Ω 5 pF Component values shown are nominal. absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage (see Note 1): VCC+ 18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC– –18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Supply voltage, VCC+ with respect to VCC– 36 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage (see Note 2) ±36 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage (see Notes 1 and 3) ±18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 4): D package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DB package 96 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 80 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 76 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 113 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. These voltage values are with respect to the midpoint between VCC+ and VCC–. 2. Differential voltages are at IN+ with respect to IN–. 3. Neither input must ever be more positive than VCC+ or more negative than VCC–. 4. The package thermal impedance is calculated in accordance with JESD 51-7. |
Podobny numer części - MC3303NE4 |
|
Podobny opis - MC3303NE4 |