Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP3057-X Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TP3057-X
Szczegółowy opis  Extended Temperature Serial Interface CODEC/Filter COMBO Family
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TP3057-X Arkusz danych(HTML) 1 Page - Texas Instruments

  TP3057-X Datasheet HTML 1Page - Texas Instruments TP3057-X Datasheet HTML 2Page - Texas Instruments TP3057-X Datasheet HTML 3Page - Texas Instruments TP3057-X Datasheet HTML 4Page - Texas Instruments TP3057-X Datasheet HTML 5Page - Texas Instruments TP3057-X Datasheet HTML 6Page - Texas Instruments TP3057-X Datasheet HTML 7Page - Texas Instruments TP3057-X Datasheet HTML 8Page - Texas Instruments TP3057-X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TP3054-X, TP3057-X
www.ti.com
SNOSBY2C – MARCH 2005 – REVISED APRIL 2013
Extended Temperature Serial Interface CODEC/Filter COMBO Family
Check for Samples: TP3054-X, TP3057-X
1
FEATURES
DESCRIPTION
The TP3054, TP3057 family consists of
μ-law and A-
2
−40°C to +85°C Operation
law monolithic PCM CODEC/filters utilizing the A/D
Complete CODEC and Filtering System
and D/A conversion architecture shown in Figure 3,
(COMBO) Including:
and a serial PCM interface. The devices are
Transmit High-Pass and Low-Pass Filtering
fabricated using TI's advanced double-poly CMOS
process (microCMOS).
Receive Low-Pass Filter with Sin x/x
Correction
The encode portion of each device consists of an
input gain adjust amplifier, an active RC pre-filter
Active RC Noise Filters
which eliminates very high frequency noise prior to
μ-Law or A-Law Compatible COder and
entering a switched-capacitor band-pass filter that
DECoder
rejects signals below 200 Hz and above 3400 Hz.
Internal Precision Voltage Reference
Also
included
are
auto-zero
circuitry
and
a
companding coder which samples the filtered signal
Serial I/O Interface
and encodes it in the companded
μ-law or A-law
Internal Auto-Zero Circuitry
PCM format. The decode portion of each device
μ-Law, 16-Pin - TP3054
consists of an expanding decoder, which reconstructs
the analog signal from the companded
μ-law or A-law
A-Law, 16-Pin - TP3057
code, a low-pass filter which corrects for the sin x/x
Designed for D3/D4 and CCITT Spplications
response of the decoder output and rejects signals
±5V Operation
above 3400 Hz followed by a single-ended power
Low Operating Power - Typically 50 mW
amplifier capable of driving low impedance loads. The
devices require two 1.536 MHz, 1.544 MHz or
Power-Down Standby Mode - Typically 3 mW
2.048 MHz transmit and receive master clocks, which
Automatic Power-Down
may be asynchronous; transmit and receive bit
TTL or CMOS Compatible Digital Interfaces
clocks, which may vary from 64 kHz to 2.048 MHz;
and transmit and receive frame sync pulses. The
Maximizes Line Interface Card Circuit Density
timing of the frame sync pulses and PCM data is
Dual-In-Line or PCC Surface Mount Packages
compatible with both industry standard formats.
See also AN-370, “Techniques for Designing
with CODEC/Filter COMBO Circuits”
(SNLA136)
Connection Diagram
Figure 1. Plastic Chip Carriers (Top View)
Figure 2. Dual-In-Line Package (Top View)
Package Number FN0020A
Package Number NFG001E & DW0016B
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TP3057-X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
TP3057-X NSC-TP3057-X Datasheet
671Kb / 16P
   Extended Temperature Serial Interface CODEC/Filter COMBO Family
More results

Podobny opis - TP3057-X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
TP3054-X NSC-TP3054-X Datasheet
671Kb / 16P
   Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3052-X TI1-TP3052-X Datasheet
393Kb / 20P
[Old version datasheet]   TP3054-X, TP3057-X Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3057WMX TI1-TP3057WMX Datasheet
299Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
National Semiconductor ...
TP3054 NSC-TP3054 Datasheet
250Kb / 16P
   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3054 TI1-TP3054_11 Datasheet
323Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
STMicroelectronics
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
   SERIAL INTERFACE CODEC/FILTER
logo
National Semiconductor ...
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
TP3069 NSC-TP3069 Datasheet
275Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
Texas Instruments
TP3064 TI1-TP3064_11 Datasheet
347Kb / 20P
[Old version datasheet]   Enhanced Serial Interface CMOS CODEC/Filter COMBO
logo
National Semiconductor ...
TP3051 NSC-TP3051 Datasheet
414Kb / 10P
   PARALLEL INTERFACE CODEC/FILTER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com