Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP3054WM-X Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części TP3054WM-X
Szczegółowy opis  Extended Temperature Serial Interface CODEC/Filter COMBO Family
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TP3054WM-X Arkusz danych(HTML) 4 Page - Texas Instruments

  TP3054WM-X Datasheet HTML 1Page - Texas Instruments TP3054WM-X Datasheet HTML 2Page - Texas Instruments TP3054WM-X Datasheet HTML 3Page - Texas Instruments TP3054WM-X Datasheet HTML 4Page - Texas Instruments TP3054WM-X Datasheet HTML 5Page - Texas Instruments TP3054WM-X Datasheet HTML 6Page - Texas Instruments TP3054WM-X Datasheet HTML 7Page - Texas Instruments TP3054WM-X Datasheet HTML 8Page - Texas Instruments TP3054WM-X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TP3054-X, TP3057-X
SNOSBY2C – MARCH 2005 – REVISED APRIL 2013
www.ti.com
ASYNCHRONOUS OPERATION
For asynchronous operation, separate transmit and receive clocks may be applied. MCLKX and MCLKR must be
2.048 MHz for the TP3057, or 1.536 MHz, 1.544 MHz for the TP3054, and need not be synchronous. For best
transmission performance, however, MCLKR should be synchronous with MCLKX, which is easily achieved by
applying only static logic levels to the MCLKR/PDN pin. This will automatically connect MCLKX to all internal
MCLKR functions (see Pin Description above). For 1.544 MHz operation, the device automatically compensates
for the 193rd clock pulse each frame. FSX starts each encoding cycle and must be synchronous with MCLKX and
BCLKX. FSR starts each decoding cycle and must be synchronous with BCLKR. BCLKR must be a clock, the logic
levels shown in Table 1 are not valid in asynchronous mode. BCLKX and BCLKR may operate from 64 kHz to
2.048 MHz.
SHORT FRAME SYNC OPERATION
The COMBO can utilize either a short frame sync pulse or a long frame sync pulse. Upon power initialization, the
device assumes a short frame mode. In this mode, both frame sync pulses, FSX and FSR, must be one bit clock
period long, with timing relationships specified in Figure 4. With FSX high during a falling edge of BCLKX, the next
rising edge of BCLKX enables the DX TRI-STATE output buffer, which will output the sign bit. The following seven
rising edges clock out the remaining seven bits, and the next falling edge disables the DX output. With FSR high
during a falling edge of BCLKR (BCLKX in synchronous mode), the next falling edge of BCLKR latches in the sign
bit. The following seven falling edges latch in the seven remaining bits. All four devices may utilize the short
frame sync pulse in synchronous or asynchronous operating mode.
LONG FRAME SYNC OPERATION
To use the long frame mode, both the frame sync pulses, FSX and FSR, must be three or more bit clock periods
long, with timing relationships specified in Figure 5. Based on the transmit frame sync, FSX, the COMBO will
sense whether short or long frame sync pulses are being used. For 64 kHz operation, the frame sync pulse must
be kept low for a minimum of 160 ns. The DX TRI-STATE output buffer is enabled with the rising edge of FSX or
the rising edge of BCLKX, whichever comes later, and the first bit clocked out is the sign bit. The following seven
BCLKX rising edges clock out the remaining seven bits. The DX output is disabled by the falling BCLKX edge
following the eighth rising edge, or by FSX going low, whichever comes later. A rising edge on the receive frame
sync pulse, FSR, will cause the PCM data at DR to be latched in on the next eight falling edges of BCLKR (BCLKX
in synchronous mode). All four devices may utilize the long frame sync pulse in synchronous or asynchronous
mode.
In applications where the LSB bit is used for signalling, with FSR two bit clock periods long, the decoder will
interpret the lost LSB as “½” to minimize noise and distortion.
TRANSMIT SECTION
The transmit section input is an operational amplifier with provision for gain adjustment using two external
resistors, see Figure 8. The low noise and wide bandwidth allow gains in excess of 20 dB across the audio
passband to be realized. The op amp drives a unity-gain filter consisting of RC active pre-filter, followed by an
eighth order switched-capacitor bandpass filter clocked at 256 kHz. The output of this filter directly drives the
encoder sample-and-hold circuit. The A/D is of companding type according to
μ-law (TP3054) or A-law (TP3057)
coding conventions. A precision voltage reference is trimmed in manufacturing to provide an input overload (tMAX)
of nominally 2.5V peak (see Transmission Characteristics). The FSX frame sync pulse controls the sampling of
the filter output, and then the successive-approximation encoding cycle begins. The 8-bit code is then loaded into
a buffer and shifted out through DX at the next FSX pulse. The total encoding delay will be approximately 165 μs
(due to the transmit filter) plus 125
μs (due to encoding delay), which totals 290 μs. Any offset voltage due to the
filters or comparator is cancelled by sign bit integration.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: TP3054-X TP3057-X


Podobny numer części - TP3054WM-X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
TP3054WM-X NSC-TP3054WM-X Datasheet
671Kb / 16P
   Extended Temperature Serial Interface CODEC/Filter COMBO Family
More results

Podobny opis - TP3054WM-X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
TP3054-X NSC-TP3054-X Datasheet
671Kb / 16P
   Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3052-X TI1-TP3052-X Datasheet
393Kb / 20P
[Old version datasheet]   TP3054-X, TP3057-X Extended Temperature Serial Interface CODEC/Filter COMBO Family
TP3057WMX TI1-TP3057WMX Datasheet
299Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
National Semiconductor ...
TP3054 NSC-TP3054 Datasheet
250Kb / 16P
   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3054 TI1-TP3054_11 Datasheet
323Kb / 18P
[Old version datasheet]   Enhanced Serial Interface CODEC/Filter COMBO Family
logo
STMicroelectronics
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
   SERIAL INTERFACE CODEC/FILTER
logo
National Semiconductor ...
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
TP3069 NSC-TP3069 Datasheet
275Kb / 18P
   Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
Texas Instruments
TP3064 TI1-TP3064_11 Datasheet
347Kb / 20P
[Old version datasheet]   Enhanced Serial Interface CMOS CODEC/Filter COMBO
logo
National Semiconductor ...
TP3051 NSC-TP3051 Datasheet
414Kb / 10P
   PARALLEL INTERFACE CODEC/FILTER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com