Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMBT3906W Arkusz danych(PDF) 1 Page - Formosa MS

Numer części FMBT3906W
Szczegółowy opis  SMD PNP Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FORMOSA [Formosa MS]
Strona internetowa  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT3906W Arkusz danych(HTML) 1 Page - Formosa MS

  FMBT3906W Datasheet HTML 1Page - Formosa MS FMBT3906W Datasheet HTML 2Page - Formosa MS FMBT3906W Datasheet HTML 3Page - Formosa MS FMBT3906W Datasheet HTML 4Page - Formosa MS FMBT3906W Datasheet HTML 5Page - Formosa MS FMBT3906W Datasheet HTML 6Page - Formosa MS FMBT3906W Datasheet HTML 7Page - Formosa MS FMBT3906W Datasheet HTML 8Page - Formosa MS FMBT3906W Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
1
2
2
2
2,3
4
4, 5, 6
7
7
7
8
9
9
10
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings .............................................................................
Switching time equivalent test circuits................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Suggested solder pad layout.............................................................
Packing information..........................................................................
Reel packing....................................................................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities..........................................................
Mechanical data...............................................................................
SMD PNP Transistor
Formosa MS
FMBT3906W
Document ID
Issued Date
Revised Date
Revision
Page.
DS-231132
2009/08/10
2010/03/10
B
10


Podobny numer części - FMBT3906W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
FMBT3906 FORMOSA-FMBT3906 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
First Components Intern...
FMBT3906 FCI-FMBT3906 Datasheet
61Kb / 2P
   PNP General Purpose Transistor Collector - Emitter Voltage VCEO -40
logo
Formosa MS
FMBT3906DW1 FORMOSA-FMBT3906DW1 Datasheet
141Kb / 10P
   Dual PNP Epitaxial Planar Transistor
FMBT3906 FORMOSA-FMBT3906_11 Datasheet
729Kb / 10P
   200mA Silicon PNP Epitaxial Planar Transistor
FMBT3906 FORMOSA-FMBT3906_17 Datasheet
435Kb / 10P
   SMD PNP Transistor
More results

Podobny opis - FMBT3906W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
FMBT3906 FORMOSA-FMBT3906_17 Datasheet
435Kb / 10P
   SMD PNP Transistor
FMBT2907AW FORMOSA-FMBT2907AW Datasheet
71Kb / 9P
   PNP SMD Transistor
FMBT4403 FORMOSA-FMBT4403_17 Datasheet
232Kb / 10P
   SMD PNP Transistor
logo
TAITRON Components Inco...
MMBTA92 TAITRON-MMBTA92 Datasheet
162Kb / 3P
   SMD High Voltage Transistor (PNP)
BC856A TAITRON-BC856A Datasheet
165Kb / 3P
   SMD General Purpose Transistor (PNP)
MMBT2907A TAITRON-MMBT2907A Datasheet
157Kb / 3P
   SMD General Purpose Transistor (PNP)
MMBT3906 TAITRON-MMBT3906 Datasheet
234Kb / 4P
   SMD General Purpose Transistor (PNP)
logo
Formosa MS
FMBT3946DW FORMOSA-FMBT3946DW Datasheet
1Mb / 14P
   Dual NPN PNP SMD Transistor
logo
TAITRON Components Inco...
MMBTA55 TAITRON-MMBTA55 Datasheet
202Kb / 3P
   SMD General Purpose Transistor (PNP)
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com