Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA0162 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części TPA0162
Szczegółowy opis  2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0162 Arkusz danych(HTML) 5 Page - Texas Instruments

  TPA0162_16 Datasheet HTML 1Page - Texas Instruments TPA0162_16 Datasheet HTML 2Page - Texas Instruments TPA0162_16 Datasheet HTML 3Page - Texas Instruments TPA0162_16 Datasheet HTML 4Page - Texas Instruments TPA0162_16 Datasheet HTML 5Page - Texas Instruments TPA0162_16 Datasheet HTML 6Page - Texas Instruments TPA0162_16 Datasheet HTML 7Page - Texas Instruments TPA0162_16 Datasheet HTML 8Page - Texas Instruments TPA0162_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
0.01%
-40
-30
-20
-10
0
A
- Voltage Gain - dB
1%
0.1%
10
20
V
PO = 1 W for AV ≥ 6 dB
VO = 1 VRMS for AV ≤ 4 dB
RL = 8 Ω
BTL
0.1%
0.01%
0.5 0.75
1
1.25 1.5 1.75
2
1%
10%
2.25 2.5 2.75
3
PO - Output Power - W
AV = 20 to 4 dB
f = 1 kHz
BTL
RL = 8 Ω
RL = 3 Ω
RL = 4 Ω
TPA0162
SLOS249E – JUNE 1999 – REVISED SEPTEMBER 2004
FIGURE
vs Output power
1, 4, 6, 8, 10
vs Voltage gain
2
THD+N
Total harmonic distortion plus noise
vs Frequency
3, 5, 7, 9, 11
vs Output voltage
12
Vn
Output noise voltage
vs Bandwidth
13
Supply ripple rejection ratio
vs Frequency
14, 15
Crosstalk
vs Frequency
16, 17, 18
Shutdown attenuation
vs Frequency
19
SNR
Signal-to-noise ratio
vs Bandwidth
20
Closed loop response
21, 22
PO
Output power
vs Load resistance
23, 24
vs Output power
25, 26
PD
Power dissipation
vs Ambient temperature
27
Zi
Input impedance
vs Gain
28
TOTAL HARMONIC DISTORTION PLUS NOISE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
vs
OUTPUT POWER
VOLTAGE GAIN
Figure 1.
Figure 2.
5


Podobny numer części - TPA0162_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0162PWP TI-TPA0162PWP Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results

Podobny opis - TPA0162_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com