Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA0162 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA0162
Szczegółowy opis  2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0162 Arkusz danych(HTML) 3 Page - Texas Instruments

  TPA0162 Datasheet HTML 1Page - Texas Instruments TPA0162 Datasheet HTML 2Page - Texas Instruments TPA0162 Datasheet HTML 3Page - Texas Instruments TPA0162 Datasheet HTML 4Page - Texas Instruments TPA0162 Datasheet HTML 5Page - Texas Instruments TPA0162 Datasheet HTML 6Page - Texas Instruments TPA0162 Datasheet HTML 7Page - Texas Instruments TPA0162 Datasheet HTML 8Page - Texas Instruments TPA0162 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
TPA0162
SLOS249E – JUNE 1999 – REVISED SEPTEMBER 2004
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
BYPASS
11
Tap to voltage divider for internal mid-supply bias generator
If a 47-nF capacitor is attached, the TPA0162 generates an internal clock. An external clock can
CLK
17
I
override the internal clock input to this terminal.
A momentary pulse on this terminal decreases the volume level by 2 dB. Holding the terminal low for a
DOWN
3
I
period of time will step the amplifier through the volume levels at a rate determined by the capacitor on
the CLK terminal.
1, 12
GND
I
Ground connection for circuitry. Connected to thermal pad
13, 24
LHPIN
6
I
Left-channel headphone input, selected when SE/BTL is held high
LIN
10
I
Common left input for fully differential input. AC ground for single-ended inputs
LLINEIN
5
I
Left-channel line negative input, selected when SE/BTL is held low
LOUT+
4
O
Left-channel positive output in BTL mode and positive in SE mode
LOUT-
9
O
Left-channel negative output in BTL mode and high impedance in SE mode
The input for PC-Beep mode. PC-BEEP is enabled when a > 1.5-V (peak-to-peak) square wave is
PC-BEEP
14
I
input to PC-BEEP or PCB ENABLE is high.
PVDD
7, 18
I
Power supply for output stage
RHPIN
20
I
Right-channel headphone input, selected when SE/BTL is held high
RIN
8
I
Common right input for fully differential input. AC ground for single-ended inputs
RLINEIN
23
I
Right-channel line input, selected when SE/BTL is held low.
ROUT+
21
O
Right-channel positive output in BTL mode and positive in SE mode
ROUT-
16
O
Right-channel negative output in BTL mode and high impedance in SE mode
Input- and output-MUX control. When this terminal is held high, the LHPIN or RHPIN and SE output is
SE/BTL
15
I
selected. When this terminal is held low, the LLINEIN or RLINEIN and BTL output are selected.
When held low, this terminal places the entire device, except PC-BEEP detect circuitry, in shutdown
SHUTDOWN
22
I
mode.
A momentary pulse on this terminal increases the volume level by 2 dB. Holding the terminal low for a
UP
2
I
period of time steps the amplifier through the volume levels at a rate determined by the capacitor on
the CLK terminal.
VDD
19
I
Analog VDD input supply. This terminal must be isolated from PVDD to achieve highest performance.
Thermal Pad
Connect to ground. Must be soldered down in all applications to properly secure device on PC board.
over operating free-air temperature range (unless otherwise noted)(1)(1)
UNIT
Supply voltage, VDD
6 V
Input voltage, VI
–0.3 V to VDD 0.3 V
Continuous total power dissipation
Internally limited (see Dissipation Rating Table)
Operating free-air temperature range, TA
–40
°C to 85°C
Operating junction temperature range, TJ
–40
°C to 150°C
Storage temperature range, Tstg
–65
°C to 85°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3


Podobny numer części - TPA0162

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162PWP TI-TPA0162PWP Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results

Podobny opis - TPA0162

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252_07 Datasheet
800Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com