Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3107D2PAPR Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3107D2PAPR
Szczegółowy opis  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3107D2PAPR Arkusz danych(HTML) 3 Page - Texas Instruments

  TPA3107D2PAPR Datasheet HTML 1Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 2Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 3Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 4Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 5Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 6Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 7Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 8Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
www.ti.com
DC CHARACTERISTICS
DC CHARACTERISTICS
TPA3107D2
SLOS509B – OCTOBER 2006 – REVISED JULY 2007
TA = 25°C, VCC = 24 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Class-D output offset voltage (measured
| VOS |
VI = 0 V, Gain = 36 dB
5
50
mV
differentially)
Bypass reference for input amplifier
VBYP, no load
1.1
1.25
1.45
V
4-V internal supply voltage
VREG, no load, VCC = 10 V to 26 V
3.75
4
4.25
V
VCC = 12 V to 24 V, inputs ac coupled to AGND,
PSRR
DC Power supply rejection ratio
-70
dB
Gain = 36 dB
Quiescent supply current
SHUTDOWN = 2 V, MUTE = 0 V, no load
22
26.5
mA
ICC
Quiescent supply current in shutdown mode SHUTDOWN = 0.8 V, no load
300
400
µA
Quiescent supply current in mute mode
MUTE = 2 V, no load
8
10
mA
High Side
370
VCC = 12 V, IO = 500 mA,
rDS(on)
Drain-source on-state resistance
Low side
370
m
TJ = 25°C
Total
780
950
GAIN0 = 0.8 V
19
20
21
GAIN1 = 0.8 V
dB
GAIN0 = 2 V
25
26
27
G
Gain
GAIN0 = 0.8 V
31
32
33
GAIN1 = 2 V
dB
GAIN0 = 2 V
35
36
37
Gain matching
Between channels
2%
tON
Turn-on time
C(VBYP) = 1 µF, SHUTDOWN = 2 V
25
ms
tOFF
Turn-off time
C(VBYP) = 1 µF, SHUTDOWN = 0.8 V
0.1
ms
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Class-D output offset voltage (measured
| VOS |
VI = 0 V, Gain = 36 dB
5
50
mV
differentially)
Bypass reference for input amplifier
VBYP, no load
1.1
1.25
1.45
V
4-V internal supply voltage
VREG, no load
3.75
4
4.25
V
VCC = 12 V to 24 V, Inputs ac coupled to AGND,
PSRR
DC Power supply rejection ratio
-70
dB
Gain = 36 dB
Quiescent supply current
SHUTDOWN = 2 V, MUTE = 0 V, no load
18
22.5
mA
ICC
Quiescent supply current in shutdown mode SHUTDOWN = 0.8 V, no load
180
300
µA
Quiescent supply current in mute mode
MUTE = 2 V, no load
7
9
mA
High Side
350
VCC = 12 V, IO = 500 mA,
rDS(on)
Drain-source on-state resistance
Low side
350
m
TJ = 25°C
Total
780
950
GAIN0 = 0.8 V
19
20
21
GAIN1 = 0.8 V
dB
GAIN0 = 2 V
25
26
27
G
Gain
GAIN0 = 0.8 V
31
32
33
GAIN1 = 2 V
dB
GAIN0 = 2 V
35
36
37
tON
Turn-on time
C(VBYP) = 1 µF, SHUTDOWN = 2 V
25
ms
tOFF
Turn-off time
C(VBYP) = 1 µF, SHUTDOWN = 0.8 V
0.1
ms
3
Submit Documentation Feedback


Podobny numer części - TPA3107D2PAPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3107D2PAPR TI-TPA3107D2PAPR Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPR TI-TPA3107D2PAPR Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPRG4 TI-TPA3107D2PAPRG4 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2PAPRG4 TI-TPA3107D2PAPRG4 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA3107D2PAPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com