Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3121D2PWPR Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3121D2PWPR
Szczegółowy opis  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3121D2PWPR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TPA3121D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 9Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 10Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 11Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 12Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 13Page - Texas Instruments TPA3121D2PWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
G019
20
100
1k
10k
20k
VCC = 24 V
VO(ripple) = 0.2 VPP
RL = 4 Ω (SE)
Gain = 20 dB
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
G025
20
100
1k
10k
20k
VCC = 24 V
VO(ripple) = 0.2 VPP
RL = 8 Ω (SE)
Gain = 20 dB
PO − Output Power − W
0.0
0.3
0.6
0.9
1.2
1.5
0
3
6
9
12
15
G017
RL = 4 Ω (SE)
Gain = 20 dB
VCC = 12 V
PO − Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
25
G018
VCC = 24 V
VCC = 18 V
RL = 8 Ω (SE)
Gain = 20 dB
TPA3121D2
SLOS537B – MAY 2008 – REVISED JANUARY 2014
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All tests are made at frequency = 1 kHz unless otherwise noted.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 17.
Figure 18.
A.
Dashed line represents thermally limited region.
POWER SUPPLY REJECTION RATIO
POWER SUPPLY REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 19.
Figure 20.
10
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: TPA3121D2


Podobny numer części - TPA3121D2PWPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3121D2PWPR TI-TPA3121D2PWPR Datasheet
640Kb / 27P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA3121D2PWPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com